Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5847AF Datasheet(PDF) 13 Page - Nippon Precision Circuits Inc

Part # SM5847AF
Description  High-fidelity Digital Audio, Multi-function Digital Filter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5847AF Datasheet(HTML) 13 Page - Nippon Precision Circuits Inc

Back Button SM5847AF Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 17Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
SM5847AF
NIPPON PRECISION CIRCUITS—13
Deemphasis filter
Passband response with deemphasis ON
P arameter
Sampling frequency (fs)
32 kHz
44.1 kHz
48 kHz
P assband bandwidth (kHz)
0 to 14.5
0 to 20.0
0 to 21.7
D e viation from ideal characteristic
Attenuation
≤ ±0.01 dB
Phase,
θ
0 to 1.5
°
10
100
1k
10k
20
50
200
500
2k
5k
20k
8
6
4
2
0
-60
-40
-20
0
32kHz
44.1kHz
48kHz
Phase
32kHz
44.1kHz
48kHz
Frequency (Hz)
[Hz]
Attenuation
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com