Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5847AF Datasheet(PDF) 19 Page - Nippon Precision Circuits Inc

Part # SM5847AF
Description  High-fidelity Digital Audio, Multi-function Digital Filter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5847AF Datasheet(HTML) 19 Page - Nippon Precision Circuits Inc

Back Button SM5847AF Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 18Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 19Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 20Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 21Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 22Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 23Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
SM5847AF
NIPPON PRECISION CIRCUITS—19
Audio Data Input (INF1N, DI/INF2N, IW1N/DIL, IW2N/DIR, BCKI, LRCI)
The input data format and input pin functions are
selected by the state of INF1N and INF2N. When
INF1N is LOW, the inputs are left and right-channel
data inputs, and when INF1N is HIGH, the
DI/INF2N input is an input format select pin, and
DIL and DIR are the audio data inputs.
Input data format select
Input data word length
The input data word length is selected by the state of
IW1N and IW2N when INF1N is LOW. 20-bit is
selected when INF1N is HIGH.
Jitter-free Function (SYNCN)
The arithmetic circuit and output control timing is
derived from the system clock, and is therefore inde-
pendent of the input LRCI and BCKI clocks.
Accordingly, any jitter in the data input clock (LRCI
and BCKI) does not cause jitter in the output.
Generally, the internal timing is synchronized to the
LRCI input timing after a system reset release, when
RSTN goes from LOW to HIGH, on the first LRCI
clock start edge. If the input timing and LRCI start
edge timing subsequently drift, the input timing is
automatically resynchronized when the timing error
exceeds a certain value. There are 2 timing error val-
ues at which resynchronization occurs, selected by
the state of SYNCN.
Jitter-free mode (SYNCN = HIGH)
When SYNCN is HIGH, the timing error value is
±3/8
× (LRCI clock period). When the difference
between the input timing and LRCI start edge posi-
tion do not exceed this value, internal timing is not
resynchronized and all functions continue to operate
normally.
Sync mode (SYNCN = LOW)
When SYNCN is LOW, the timing error value is ±1
× (XTI master clock period), which is a much
smaller timing error tolerance than in jitter-free
mode. In this mode, the internal timing is guaranteed
to follow the LRCI clock timing within this toler-
ance, making this mode useful for systems con-
structed from a multiple number of SM5847AF
devices.
Table 7. Input settings and functions
INF1N
DI/INF2N
Input fo r m a t
Pin function selection
DI/INF2N
IW1N/DIL
IW2N/DIR
LO W
−
LR alternating1, right-justified data
1. Alternating left-channel and right-channel data input on a single input DI.
DI
IW1N
IW2N
LO W
−
HIGH
L O W
LR alternating, left-justified data
INF2N
DIL
DIR
HIGH
HIGH
LR simultaneous2, left-justified data
2. S i m ultaneous left-channel and right-channel data input on two inputs, DIL and DIR, respectively.
Table 8. Input data word length select
INF1N
IW1N/DIL
IW2N/DIR
Input word length
LO W
L O W
L O W
24 bits
HIGH
L O W
20 bits
L O W
HIGH
18 bits
HIGH
HIGH
16 bits
HIGH
–
–
24 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com