Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5847AF Datasheet(PDF) 10 Page - Nippon Precision Circuits Inc

Part # SM5847AF
Description  High-fidelity Digital Audio, Multi-function Digital Filter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5847AF Datasheet(HTML) 10 Page - Nippon Precision Circuits Inc

Back Button SM5847AF Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 14Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
SM5847AF
NIPPON PRECISION CIRCUITS—10
VDD = VDDAC = 4.50 to 5.25 V, VSS = VSSAC = 0 V, Ta = −40 to 85 °C, CL = 50 pF
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
B C K O HIGH-level pulsewidth
tOBCH
External clock input: XTI = 36 ns
(27.6 MHz), CKSLN = L O W
(256fs), fs = 108 k H z
Divider ratio: 1
C K DV1 = CKDV2 = LOW
Output mode: 8fs, OMD = HIGH
10
ns
B C K O L OW -level pulsewidth
tOBCL
10
ns
DOL, DOR setup time
tODS
11
ns
DOL, DOR hold time
tODH
11
ns
B C K O HIGH-level pulsewidth
tOBCH
External clock input: XTI = 36 ns
(27.6 MHz), CKSLN = L O W
(256fs), fs = 108 k H z
Divider ratio: 1
C K DV1 = CKDV2 = LOW
Output mode: 4fs, OMD = L O W
26
ns
B C K O L OW -level pulsewidth
tOBCL
26
ns
DOL, DOR setup time
tODS
27
ns
DOL, DOR hold time
tODH
27
ns
BCKO
1.5V
tXTO
XTI
CKO
1.5V
1.5V
tBDO
1.5V
WCKO
DOL
DOR
DG
tWOH
tWOS
tOBCL
tOBCH
tOBCY
tODS
1.5V
1.5V
1.5V
tODH
WCKO
BCKO
DOL
DOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com