Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5847AF Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

Part # SM5847AF
Description  High-fidelity Digital Audio, Multi-function Digital Filter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5847AF Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button SM5847AF Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 12Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
SM5847AF
NIPPON PRECISION CIRCUITS—8
Serial input timing (
BCKI, LRCI, DI/INF2N, IW1N/DIL, IW2N/DIR)
VSS = VSSAC = 0 V, Ta = −40 to 85 °C
1. CKSLN = HIGH (192fs), V DD = V DDAC = 4.75 to 5.25 V, Ta = −40 to 70 °C
2. CKSLN = LOW (256fs), V DD = V DDAC = 4.50 to 5.25 V
CKSLN = HIGH (192fs), V DD = V DDAC = 3.00 to 4.75 V
3. CKSLN = LOW (256fs), V DD = V DDAC = 3.00 to 4.50 V
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
BCKI pulse cycle
tIBCY
Note 1
5 5
–
–
ns
Note 2
8 0
–
–
Note 3
1 0 0
–
–
BCKI HIGH-level pulsewidth
tBCWH
Note 1
2 5
–
–
ns
Note 2
3 5
–
–
Note 3
4 5
–
–
BCKI LOW -level pulsewidth
tBCWL
Note 1
2 5
–
–
ns
Note 2
3 5
–
–
Note 3
4 5
–
–
DI, DIL, DIR setup time
tDS
Note 1
1 0
–
–
ns
Note 2
2 0
–
–
Note 3
3 0
–
–
DI, DIL, DIR hold time
tDH
Note 1
1 0
–
–
ns
Note 2
2 0
–
–
Note 3
3 0
–
–
Last BCKI rising edge to LRCI edge
tBL
Note 1
1 0
–
–
ns
Note 2
2 0
–
–
Note 3
3 0
–
–
LRCI edge to first BCKI rising edge
tLB
Note 1
1 0
–
–
ns
Note 2
2 0
–
–
Note 3
3 0
–
–
LRCI
1.5V
BCKI
tIBCY
tBCWH
tBCWL
tDS
tDH
tBL
tLB
DI
DIL
DIR
1.5V
1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com