Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5847AF Datasheet(PDF) 20 Page - Nippon Precision Circuits Inc

Part # SM5847AF
Description  High-fidelity Digital Audio, Multi-function Digital Filter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5847AF Datasheet(HTML) 20 Page - Nippon Precision Circuits Inc

Back Button SM5847AF Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 18Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 19Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 20Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 21Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 22Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 23Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 24Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
SM5847AF
NIPPON PRECISION CIRCUITS—20
Audio Data Output (DOL, DOR, BCKO, WCKO, DG, OW1N, OW2N, OMD, DITHN)
Output data format
The output data is in serial, simultaneous left and
right-channel, 2s complement, MSB first, BCKO
burst (NPC format) format. Left-channel data is out-
put on DOL, and right-channel data is output on
DOR.
Output data word length
The output data word length is selected by the state
of OW1N and OW2N.
Output timing
The output timing is dependent on the CKSLN level
and output data word length.
When CKSLN is LOW, the output timing does not
change with the output data word length. However,
when CKSLN is HIGH, the DOL and DOR output
timing for 24-bit output data length (OW1N =
OW2N = LOW) start 1 clock cycle earlier than for
18, 20, or 22-bit output data length.
Output mode
The output mode, either 4fs oversampling or 8fs
oversampling, is selected by the level on OMD,
where fs is the input sampling rate.
Output dither processing
The output data word length is set by OW1N and
OW2N, whereas the SM5847AF performs all inter-
nal calculations in 25-bit words. As a consequence,
dither processing is provided to round-off errors. The
SM5847AF uses triangular dither processing (trian-
gular probability density function or TPDF) and can
be turned ON or OFF. Simple round-off processing
occurs when dither is OFF (DITHN = HIGH).
Table 9. Output data word length select
O W 1 N
O W 2 N
Output word length
L O W
L O W
24 bits
HIGH
L O W
22 bits
L O W
HIGH
20 bits
HIGH
HIGH
18 bits
Table 10. Output timing
P arameter
Symbol
CKSLN
OMD = HIGH
OMD = LOW
Bit clock rate
T B
HIGH
1/192fs
1/96fs
L O W
1/256fs
1/128fs
Data word length
T DW
HIGH
24tSYS
48tSYS
L O W
32tSYS
64tSYS
Table 11. Output mode select
O M D
Output mode
L O W
4fs
HIGH
8fs
Table 12. Dither select
DITHN
Dither
LO W
O N
HIGH
O F F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com