Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC04A Datasheet (PDF) - ON Semiconductor

74LVC04A Datasheet PDF - ON Semiconductor
Part # 74LVC04A
Download  74LVC04A Download
File Size   92.97 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low-Voltage CMOS Hex Inverter

74LVC04A Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC04A Datasheet PDF - ON Semiconductor

Part # 74LVC04A
Download  74LVC04A Click to download

File Size   92.97 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low-Voltage CMOS Hex Inverter

74LVC04A Datasheet (HTML) - ON Semiconductor


74LVC04A Product details

Low-Voltage CMOS Hex Inverter With 5 V−Tolerant Inputs

The 74LVC04A is a high performance hex inverter operating from a 1.2 to 3.6 V supply. High impedance TTL compatible inputs significantly reduce current loading to input drivers while TTL compatible outputs offer improved switching noise performance. A VI specification of 5.5 V allows 74LVC04A inputs to be safely driven from 5 V devices if VCC is less than 5.0 V.
Current drive capability is 24 mA at the outputs.

Features
• Designed for 1.2 V to 3.6 V VCC Operation
• 5.0 V Tolerant Inputs − Interface Capability With 5.0 V TTL Logic
• 24 mA Output Sink and Source Capability
• Near Zero Static Supply Current (10 A) Substantially Reduces System Power Requirements
• ESD Performance: Human Body Model >2000 V
                                 Machine Model >200 V
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant




Similar Part No. - 74LVC04A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
Hex inverter
1997 Jun 30
logo
STMicroelectronics
74LVC04A STMICROELECTRONICS-74LVC04A Datasheet
241Kb / 11P
LOW VOLTAGE CMOS HEX INVERTER HIGH PERFORMANCE
26-Jul-2004
logo
Diodes Incorporated
74LVC04A DIODES-74LVC04A Datasheet
192Kb / 10P
HEX BUFFERS WITH OPEN DRAIN OUTPUTS
Rev 3
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
120Kb / 15P
Hex inverter
Rev. 9-17 November 2011
logo
Nexperia B.V. All right...
74LVC04A NEXPERIA-74LVC04A Datasheet
233Kb / 12P
Hex inverter
Rev. 11 - 17 September 2021
More results


Similar Description - 74LVC04A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX04 MOTOROLA-MC74LCX04 Datasheet
133Kb / 7P
LOW-VOLTAGE CMOS HEX INVERTER
MC74LVQ04 MOTOROLA-MC74LVQ04 Datasheet
176Kb / 7P
LOW-VOLTAGE CMOS HEX INVERTER
logo
ON Semiconductor
MC74LCX04 ONSEMI-MC74LCX04 Datasheet
133Kb / 7P
LOW-VOLTAGE CMOS HEX INVERTER
REV 1
MC74LCX04 ONSEMI-MC74LCX04_05 Datasheet
80Kb / 8P
Low-Voltage CMOS Hex Inverter
January, 2005 ??Rev. 4
logo
STMicroelectronics
74LVQ04 STMICROELECTRONICS-74LVQ04_04 Datasheet
221Kb / 11P
LOW VOLTAGE CMOS HEX INVERTER
29-Jul-2004
logo
ON Semiconductor
MC74LCX04DTR2G ONSEMI-MC74LCX04DTR2G Datasheet
138Kb / 7P
Low-Voltage CMOS Hex Inverter
October, 2012 ??Rev. 8
74LVC06A ONSEMI-74LVC06A Datasheet
96Kb / 7P
Low-Voltage CMOS Hex Inverter
June, 2015 ??Rev. P0
74LVC06A ONSEMI-74LVC06A_15 Datasheet
94Kb / 7P
Low-Voltage CMOS Hex Inverter
December, 2015 ??Rev. 0
MC74LCX04 ONSEMI-MC74LCX04_14 Datasheet
110Kb / 7P
Low-Voltage CMOS Hex Inverter
August, 2014 ??Rev. 9
MC74LCX14 ONSEMI-MC74LCX14_12 Datasheet
168Kb / 8P
Low Voltage CMOS Hex Schmitt Inverter
October, 2012 ??Rev. 8
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com