Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC04A Datasheet (PDF) - STMicroelectronics

74LVC04A Datasheet PDF - STMicroelectronics
Part # 74LVC04A
Download  74LVC04A Download
File Size   241.49 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW VOLTAGE CMOS HEX INVERTER HIGH PERFORMANCE

74LVC04A Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC04A Datasheet PDF - STMicroelectronics

Part # 74LVC04A
Download  74LVC04A Click to download

File Size   241.49 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW VOLTAGE CMOS HEX INVERTER HIGH PERFORMANCE

74LVC04A Datasheet (HTML) - STMicroelectronics


74LVC04A Product details

DESCRIPTION
The 74LVC04A is a low voltage CMOS HEX INVERTER fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. It is ideal for 1.65 to 3.6 VCC operations and low power and low noise applications.

■ 5V TOLERANT INPUTS
■ HIGH SPEED: tPD = 4.5ns (MAX.) at VCC = 3V
■ POWER DOWN PROTECTION ON INPUTS
AND OUTPUTS
■ SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 24mA (MIN) at VCC = 3V
■ PCI BUS LEVELS GUARANTEED AT 24 mA
■ BALANCED PROPAGATION DELAYS: tPLH ≅ tPHL
■ OPERATING VOLTAGE RANGE: VCC(OPR) = 1.65V to 3.6V (1.2V Data Retention)
■ PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 00
■ LATCH-UP PERFORMANCE EXCEEDS 500mA (JESD 17)
■ ESD PERFORMANCE: HBM > 2000V (MIL STD 883 method 3015); MM > 200V




Similar Part No. - 74LVC04A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
Hex inverter
1997 Jun 30
logo
Diodes Incorporated
74LVC04A DIODES-74LVC04A Datasheet
192Kb / 10P
HEX BUFFERS WITH OPEN DRAIN OUTPUTS
Rev 3
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
120Kb / 15P
Hex inverter
Rev. 9-17 November 2011
logo
ON Semiconductor
74LVC04A ONSEMI-74LVC04A Datasheet
92Kb / 7P
Low-Voltage CMOS Hex Inverter
September, 2015 ??Rev. 0
logo
Nexperia B.V. All right...
74LVC04A NEXPERIA-74LVC04A Datasheet
233Kb / 12P
Hex inverter
Rev. 11 - 17 September 2021
More results


Similar Description - 74LVC04A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX04 MOTOROLA-MC74LCX04 Datasheet
133Kb / 7P
LOW-VOLTAGE CMOS HEX INVERTER
MC74LVQ04 MOTOROLA-MC74LVQ04 Datasheet
176Kb / 7P
LOW-VOLTAGE CMOS HEX INVERTER
logo
ON Semiconductor
MC74LCX04 ONSEMI-MC74LCX04 Datasheet
133Kb / 7P
LOW-VOLTAGE CMOS HEX INVERTER
REV 1
logo
STMicroelectronics
74LVCU04A STMICROELECTRONICS-74LVCU04A Datasheet
166Kb / 8P
LOW VOLTAGE CMOS HEX INVERTER (SINGLE STAGE) HIGH PERFORMANCE
Feb-2002
logo
ON Semiconductor
MC74LCX04 ONSEMI-MC74LCX04_05 Datasheet
80Kb / 8P
Low-Voltage CMOS Hex Inverter
January, 2005 ??Rev. 4
logo
STMicroelectronics
74LVC14A STMICROELECTRONICS-74LVC14A Datasheet
252Kb / 12P
LOW VOLTAGE CMOS HEX INVERTER HIGH PERFORMANCE
27-Jul-2004
74LVCU04A STMICROELECTRONICS-74LVCU04A_04 Datasheet
230Kb / 11P
LOW VOLTAGE CMOS HEX INVERTER (SINGLE STAGE) HIGH PERFORMANCE
26-Jul-2004
74LVQ04 STMICROELECTRONICS-74LVQ04_04 Datasheet
221Kb / 11P
LOW VOLTAGE CMOS HEX INVERTER
29-Jul-2004
logo
ON Semiconductor
MC74LCX04DTR2G ONSEMI-MC74LCX04DTR2G Datasheet
138Kb / 7P
Low-Voltage CMOS Hex Inverter
October, 2012 ??Rev. 8
MC74LCX04 ONSEMI-MC74LCX04_14 Datasheet
110Kb / 7P
Low-Voltage CMOS Hex Inverter
August, 2014 ??Rev. 9
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com