Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC04A Datasheet(PDF) 2 Page - STMicroelectronics

Part # 74LVC04A
Description  LOW VOLTAGE CMOS HEX INVERTER HIGH PERFORMANCE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVC04A Datasheet(HTML) 2 Page - STMicroelectronics

  74LVC04A Datasheet HTML 1Page - STMicroelectronics 74LVC04A Datasheet HTML 2Page - STMicroelectronics 74LVC04A Datasheet HTML 3Page - STMicroelectronics 74LVC04A Datasheet HTML 4Page - STMicroelectronics 74LVC04A Datasheet HTML 5Page - STMicroelectronics 74LVC04A Datasheet HTML 6Page - STMicroelectronics 74LVC04A Datasheet HTML 7Page - STMicroelectronics 74LVC04A Datasheet HTML 8Page - STMicroelectronics 74LVC04A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
74LVC04A
2/11
Figure 2: Input And Output Equivalent Circuit
Table 2: Pin Description
Table 3: Truth Table
Table 4: Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied
1) IO absolute maximum rating must be observed
2) VO < GND
PIN N°
SYMBOL
NAME AND FUNCTION
1,3,5,9,11,13
1A to 6A
Data Inputs
2, 4, 6, 8,
10, 12
1Y to 6Y
Data Outputs
7
GND
Ground (0V)
14
VCC
Positive Supply Voltage
AY
LH
HL
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7.0
V
VI
DC Input Voltage
-0.5 to +7.0
V
VO
DC Output Voltage (VCC = 0V)
-0.5 to +7.0
V
VO
DC Output Voltage (High or Low State) (note 1)
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
- 50
mA
IOK
DC Output Diode Current (note 2)
- 50
mA
IO
DC Output Current
± 50
mA
ICC or IGND DC VCC or Ground Current per Supply Pin
± 100
mA
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com