Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC08A Datasheet (PDF) - ON Semiconductor

74LVC08A Datasheet PDF - ON Semiconductor
Part # 74LVC08A
Download  74LVC08A Download
File Size   94.86 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low-Voltage CMOS Quad 2-Input NAND Gate

74LVC08A Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC08A Datasheet PDF - ON Semiconductor

Part # 74LVC08A
Download  74LVC08A Click to download

File Size   94.86 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low-Voltage CMOS Quad 2-Input NAND Gate

74LVC08A Datasheet (HTML) - ON Semiconductor


74LVC08A Product details

Low-Voltage CMOS Quad 2-Input AND Gate
With 5 V−Tolerant Inputs

The 74LVC08A is a high performance, quad 2−input AND gate operating from a 1.2 to 3.6 V supply. High impedance TTL compatible inputs significantly reduce current loading to input drivers while TTL compatible outputs offer improved switching noise performance. A VI specification of 5.5 V allows 74LVC08A inputs to be safely driven from 5.0 V devices.
Current drive capability is 24 mA at the outputs.

Features
• Designed for 1.2 V to 3.6 V VCC Operation
• 5.0 V Tolerant Inputs − Interface Capability With 5.0 V TTL Logic
• 24 mA Output Sink and Source Capability
• Near Zero Static Supply Current (10 μA) Substantially Reduces System Power Requirements
• ESD Performance: Human Body Model >2000 V
                              Machine Model >200 V
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant




Similar Part No. - 74LVC08A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC08A PHILIPS-74LVC08A Datasheet
85Kb / 8P
Quad 2-input AND gate
1997 Jun 30
logo
STMicroelectronics
74LVC08A STMICROELECTRONICS-74LVC08A Datasheet
61Kb / 8P
LOW VOLTAGE CMOS QUAD 2-INPUT AND GATE HIGH PERFORMANCE
Feb-2002
74LVC08A STMICROELECTRONICS-74LVC08A Datasheet
256Kb / 11P
LOW VOLTAGE CMOS QUAD 2-INPUT AND GATE HIGH PERFORMANCE
26-Jul-2004
logo
Diodes Incorporated
74LVC08A DIODES-74LVC08A Datasheet
207Kb / 10P
QUADRUPLE 2-INPUT AND GATES
Rev 3
logo
Nexperia B.V. All right...
74LVC08A NEXPERIA-74LVC08A Datasheet
234Kb / 12P
Quad 2-input AND gate
Rev. 9 - 17 September 2021
More results


Similar Description - 74LVC08A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LVQ00 MOTOROLA-MC74LVQ00 Datasheet
179Kb / 7P
LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE
logo
ON Semiconductor
MC74LCX00 ONSEMI-MC74LCX00 Datasheet
135Kb / 7P
LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE
1996 REV 1
MC74LCX00 ONSEMI-MC74LCX00_05 Datasheet
80Kb / 8P
Low-Voltage CMOS Quad 2-Input NAND Gate
January, 2005 ??Rev. 5
logo
STMicroelectronics
74LVQ00 STMICROELECTRONICS-74LVQ00_04 Datasheet
285Kb / 11P
LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE
29-Jul-2004
logo
ON Semiconductor
MC74LCX00DTR2G ONSEMI-MC74LCX00DTR2G Datasheet
156Kb / 7P
Low-Voltage CMOS Quad 2-Input NAND Gate
October, 2012 ??Rev. 8
74LVC00A ONSEMI-74LVC00A Datasheet
95Kb / 8P
Low-Voltage CMOS Quad 2-Input NAND Gate
September, 2015 ??Rev. 0
74LVC02A ONSEMI-74LVC02A Datasheet
95Kb / 8P
Low-Voltage CMOS Quad 2-Input NAND Gate
September, 2015 ??Rev. 0
74LVC32A ONSEMI-74LVC32A Datasheet
95Kb / 8P
Low-Voltage CMOS Quad 2-Input NAND Gate
October, 2015 ??Rev. 0
74LVC126A ONSEMI-74LVC126A Datasheet
101Kb / 9P
Low-Voltage CMOS Quad 2-Input NAND Gate
October, 2015 ??Rev. 0
74LVC240A ONSEMI-74LVC240A Datasheet
94Kb / 9P
Low-Voltage CMOS Quad 2-Input NAND Gate
October, 2015 ??Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com