Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC08A Datasheet (PDF) - Diodes Incorporated

74LVC08A Datasheet PDF - Diodes Incorporated
Part # 74LVC08A
Download  74LVC08A Download
File Size   207.2 Kbytes
Page   10 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description QUADRUPLE 2-INPUT AND GATES

74LVC08A Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC08A Datasheet PDF - Diodes Incorporated

Part # 74LVC08A
Download  74LVC08A Click to download

File Size   207.2 Kbytes
Page   10 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description QUADRUPLE 2-INPUT AND GATES

74LVC08A Datasheet (HTML) - Diodes Incorporated


74LVC08A Product details

Description
The 74LVC08A provides four independent 2-input AND gates. The device is designed for operation with a power supply range of 1.65V to 5.5V. The inputs are tolerant to 5.5V allowing this device to be used in a mixed voltage environment. The device is fully specified for partial power down applications using IOFF. The IOFF circuitry disables the output preventing damaging current backflow when the device is powered down.

Features
• Wide Supply Voltage Range from 1.65V to 5.5V
• Sinks 24mA at VCC = 3.3V
• CMOS low power consumption
• IOFF Supports Partial-Power-Down Mode Operation
• Inputs or outputs accept up to 5.5V
• Inputs can be driven by 3.3V or 5.5V allowing for voltage translation applications.
• ESD Protection Exceeds JESD 22
   ▪ 200-V Machine Model (A115-A)
   ▪ 2000-V Human Body Model (A114-A)
   ▪ Exceeds 1000-V Charged Device Model (C101C)
• Latch-Up Exceeds 250 mA per JESD 78, Class II
• Range of Package Options SO-14 and TSSOP-14
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)

Applications
• Voltage Level Shifting
• General Purpose Logic
• Power Down Signal Isolation
• Wide array of products such as:
   ▪ PCs, networking, notebooks, ultrabooks, netbooks
   ▪ Computer peripherals, hard drives, CD/DVD ROM
   ▪ TV, DVD, DVR, set top box




Similar Part No. - 74LVC08A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC08A PHILIPS-74LVC08A Datasheet
85Kb / 8P
Quad 2-input AND gate
1997 Jun 30
logo
STMicroelectronics
74LVC08A STMICROELECTRONICS-74LVC08A Datasheet
61Kb / 8P
LOW VOLTAGE CMOS QUAD 2-INPUT AND GATE HIGH PERFORMANCE
Feb-2002
74LVC08A STMICROELECTRONICS-74LVC08A Datasheet
256Kb / 11P
LOW VOLTAGE CMOS QUAD 2-INPUT AND GATE HIGH PERFORMANCE
26-Jul-2004
logo
ON Semiconductor
74LVC08A ONSEMI-74LVC08A Datasheet
94Kb / 8P
Low-Voltage CMOS Quad 2-Input NAND Gate
September, 2015 ??Rev. 0
logo
Nexperia B.V. All right...
74LVC08A NEXPERIA-74LVC08A Datasheet
234Kb / 12P
Quad 2-input AND gate
Rev. 9 - 17 September 2021
More results


Similar Description - 74LVC08A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5408 TI-SN5408 Datasheet
625Kb / 16P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54HC08 TI-SN54HC08 Datasheet
77Kb / 14P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI-SN54LVC08A Datasheet
111Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
logo
Diodes Incorporated
74LV08A DIODES-74LV08A Datasheet
275Kb / 9P
QUADRUPLE 2-INPUT AND GATES
Rev 1
74HCT08 DIODES-74HCT08 Datasheet
299Kb / 8P
QUADRUPLE 2-INPUT AND GATES
Rev 3
74HC08 DIODES-74HC08 Datasheet
299Kb / 8P
QUADRUPLE 2-INPUT AND GATES
Rev 3
74AHCT08 DIODES-74AHCT08 Datasheet
287Kb / 8P
QUADRUPLE 2-INPUT AND GATES
Rev 3
74AHC08 DIODES-74AHC08 Datasheet
305Kb / 8P
QUADRUPLE 2-INPUT AND GATES
Rev 3
logo
Aeroflex Circuit Techno...
UT54ACS08 AEROFLEX-UT54ACS08 Datasheet
219Kb / 9P
Quadruple 2-Input AND Gates
UT54ACS08E AEROFLEX-UT54ACS08E Datasheet
127Kb / 10P
Quadruple 2-Input AND Gates
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com