Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AHC08 Datasheet (PDF) - Diodes Incorporated

74AHC08 Datasheet PDF - Diodes Incorporated
Part # 74AHC08
Download  74AHC08 Download
File Size   305.42 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description QUADRUPLE 2-INPUT AND GATES

74AHC08 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHC08 Datasheet PDF - Diodes Incorporated

Part # 74AHC08
Download  74AHC08 Click to download

File Size   305.42 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description QUADRUPLE 2-INPUT AND GATES

74AHC08 Datasheet (HTML) - Diodes Incorporated


74AHC08 Product details

Description
The 74AHC08 provides provides four independent 2-input AND gates with standard push-pull outputs. The device is designed for operation with a power supply range of 2.0V to 5.5V. The inputs are tolerant to 5.5V allowing this device to be used in a mixed voltage environment.

Features
• Wide Supply Voltage Range from 2.0V to 5.5 V
• Outputs Sink or Source 8 mA at VCC = 4.5V
• CMOS Low Power Consumption
• Schmitt Trigger Action at All Inputs
• Inputs can be driven by 3.3V or 5.5V allowing for voltage translation applications.
• ESD Protection Exceeds JESD 22
    ▪ 200-V Machine Model (A115-A)
    ▪ 2000-V Human Body Model (A114-A)
    ▪ Exceeds 1000-V Charged Device Model (C101C)
• Latch-Up Exceeds 250mA per JESD 78, Class II
• Range of Package Options SO-14 and TSSOP-14
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)

Applications
• General Purpose Logic
• Wide array of products such as:
    ▪ PCs, Networking, Notebooks, Netbooks
    ▪ Computer Peripherals, Hard Drives, CD/DVD ROM
    ▪ TV, DVD, DVR, Set Top Box




Similar Part No. - 74AHC08

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC08 PHILIPS-74AHC08 Datasheet
73Kb / 16P
Quad 2-input AND gate
1999 Sep 24
74AHC08 NXP-74AHC08 Datasheet
84Kb / 14P
Quad 2-input AND gate
Rev. 03-14 November 2007
74AHC08 NXP-74AHC08 Datasheet
91Kb / 14P
Quad 2-input AND gate Rev. 03 ??14 November 2007
Rev. 03-14 November 2007
74AHC08 NXP-74AHC08 Datasheet
91Kb / 14P
Quad 2-input AND gate Rev. 03 ??14 November 2007
Rev. 03-14 November 2007
logo
Nexperia B.V. All right...
74AHC08 NEXPERIA-74AHC08 Datasheet
229Kb / 12P
Quad 2-input AND gate
Rev. 4 - 26 May 2020
More results


Similar Description - 74AHC08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5408 TI-SN5408 Datasheet
625Kb / 16P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54HC08 TI-SN54HC08 Datasheet
77Kb / 14P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI-SN54LVC08A Datasheet
111Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
logo
Diodes Incorporated
74LVC08A DIODES-74LVC08A Datasheet
207Kb / 10P
QUADRUPLE 2-INPUT AND GATES
Rev 3
74LV08A DIODES-74LV08A Datasheet
275Kb / 9P
QUADRUPLE 2-INPUT AND GATES
Rev 1
74HCT08 DIODES-74HCT08 Datasheet
299Kb / 8P
QUADRUPLE 2-INPUT AND GATES
Rev 3
74HC08 DIODES-74HC08 Datasheet
299Kb / 8P
QUADRUPLE 2-INPUT AND GATES
Rev 3
74AHCT08 DIODES-74AHCT08 Datasheet
287Kb / 8P
QUADRUPLE 2-INPUT AND GATES
Rev 3
logo
Aeroflex Circuit Techno...
UT54ACS08 AEROFLEX-UT54ACS08 Datasheet
219Kb / 9P
Quadruple 2-Input AND Gates
UT54ACS08E AEROFLEX-UT54ACS08E Datasheet
127Kb / 10P
Quadruple 2-Input AND Gates
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com