Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT54ACS08E Datasheet (PDF) - Aeroflex Circuit Technology

UT54ACS08E Datasheet PDF - Aeroflex Circuit Technology
Part # UT54ACS08E
Download  UT54ACS08E Download
File Size   127.86 Kbytes
Page   10 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description Quadruple 2-Input AND Gates

UT54ACS08E Datasheet (PDF)

Go To PDF Page Download Datasheet
UT54ACS08E Datasheet PDF - Aeroflex Circuit Technology

Part # UT54ACS08E
Download  UT54ACS08E Click to download

File Size   127.86 Kbytes
Page   10 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description Quadruple 2-Input AND Gates

UT54ACS08E Datasheet (HTML) - Aeroflex Circuit Technology


UT54ACS08E Product details

DESCRIPTION
The UT54ACS08E and UT54ACTS08E are quadruple two-input AND gates. The circuits perform the Boolean functions Y= A • B or Y = A + B in positive logic.
The devices are characterized over full HiRel temperature range of -55°C to +125°C.

FEATURES
• 0.6m CRH CMOS Process
   - Latchup immune
• High speed
• Low power consumption
• Wide power supply operating range of 3.0V to 5.5V
• Available QML Q or V processes
• 14-lead flatpack
• UT54ACS08E-SMD-5962-96518
• UT54ACTS08E-SMD-5962-96519




Similar Part No. - UT54ACS08E

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT54ACS08 AEROFLEX-UT54ACS08 Datasheet
219Kb / 9P
Quadruple 2-Input AND Gates
More results


Similar Description - UT54ACS08E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5408 TI-SN5408 Datasheet
625Kb / 16P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54HC08 TI-SN54HC08 Datasheet
77Kb / 14P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI-SN54LVC08A Datasheet
111Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
logo
Diodes Incorporated
74LVC08A DIODES-74LVC08A Datasheet
207Kb / 10P
QUADRUPLE 2-INPUT AND GATES
Rev 3
74LV08A DIODES-74LV08A Datasheet
275Kb / 9P
QUADRUPLE 2-INPUT AND GATES
Rev 1
74HCT08 DIODES-74HCT08 Datasheet
299Kb / 8P
QUADRUPLE 2-INPUT AND GATES
Rev 3
74HC08 DIODES-74HC08 Datasheet
299Kb / 8P
QUADRUPLE 2-INPUT AND GATES
Rev 3
74AHCT08 DIODES-74AHCT08 Datasheet
287Kb / 8P
QUADRUPLE 2-INPUT AND GATES
Rev 3
74AHC08 DIODES-74AHC08 Datasheet
305Kb / 8P
QUADRUPLE 2-INPUT AND GATES
Rev 3
logo
Aeroflex Circuit Techno...
UT54ACS08 AEROFLEX-UT54ACS08 Datasheet
219Kb / 9P
Quadruple 2-Input AND Gates
More results




About Aeroflex Circuit Technology


Aeroflex Circuit Technology is a division of Aeroflex Holding Corp, a leading provider of high-performance microelectronic components and subsystems.
Aeroflex Circuit Technology specializes in the design and manufacture of high-quality circuit boards and components for the aerospace and defense, medical, and industrial markets.
The company offers a wide range of products including printed circuit boards (PCBs), microelectronics assemblies, and complete systems.
Aeroflex Circuit Technology is known for its expertise in advanced circuit technology, high-reliability products, and superior customer service.
The company has facilities in various locations across the United States and Europe.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com