Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC245A Datasheet (PDF) - ON Semiconductor

74LVC245A Datasheet PDF - ON Semiconductor
Part # 74LVC245A
Download  74LVC245A Download
File Size   92.16 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low-Voltage CMOS Octal Buffer

74LVC245A Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC245A Datasheet PDF - ON Semiconductor

Part # 74LVC245A
Download  74LVC245A Click to download

File Size   92.16 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low-Voltage CMOS Octal Buffer

74LVC245A Datasheet (HTML) - ON Semiconductor


74LVC245A Product details

The 74LVC245A is a high performance, non−inverting octal transceiver operating from a 1.2 to 3.6 V supply. High impedance TTL compatible inputs significantly reduce current loading to input drivers while TTL compatible outputs offer improved switching noise performance. A VI specification of 5.5 V allows 74LVC245A inputs to be safely driven from 5 V devices if VCC is less than 5.0 V. The 74LVC245A is suitable for memory address driving and all TTL level bus oriented transceiver applications.
   
Features
• Designed for 1.2 to 3.6 V VCC Operation
• 5 V Tolerant − Interface Capability with 5 V TTL Logic
• Supports Live Insertion and Withdrawal
• IOFF Specification Guarantees High Impedance When VCC = 0 V
• 24 mA Output Sink and Source Capability
• Near Zero Static Supply Current in All Three Logic States (10 μA)
    Substantially Reduces System Power Requirements
• ESD Performance: Human Body Model >2000 V
                                 Machine Model >200 V
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
    Compliant
   




Similar Part No. - 74LVC245A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVC245A STMICROELECTRONICS-74LVC245A Datasheet
240Kb / 9P
LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER (NOT INVERTED) HIGH PERFORMANCE
Feb-2002
logo
NXP Semiconductors
74LVC245A PHILIPS-74LVC245A Datasheet
125Kb / 20P
Octal bus transceiver with direction pin with 5 V tolerant input/outputs (3-state)
2003 May 07
logo
STMicroelectronics
74LVC245A STMICROELECTRONICS-74LVC245A Datasheet
303Kb / 12P
LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER (NOT INVERTED) HIGH PERFORMANCE
26-Jul-2004
logo
NXP Semiconductors
74LVC245A NXP-74LVC245A Datasheet
122Kb / 17P
Octal bus transceiver; 3-state
Rev. 05-25 August 2009
logo
Diodes Incorporated
74LVC245A DIODES-74LVC245A Datasheet
466Kb / 10P
OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS
Rev 1
More results


Similar Description - 74LVC245A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX540 MOTOROLA-MC74LCX540 Datasheet
155Kb / 8P
LOW-VOLTAGE CMOS OCTAL BUFFER
MC74LCX541 MOTOROLA-MC74LCX541 Datasheet
154Kb / 8P
LOW-VOLTAGE CMOS OCTAL BUFFER
MC74LVQ244 MOTOROLA-MC74LVQ244 Datasheet
202Kb / 8P
LOW-VOLTAGE CMOS OCTAL BUFFER
MC74LVQ541 MOTOROLA-MC74LVQ541 Datasheet
205Kb / 8P
LOW-VOLTAGE CMOS OCTAL BUFFER
logo
ON Semiconductor
MC74LCX540 ONSEMI-MC74LCX540 Datasheet
155Kb / 8P
LOW-VOLTAGE CMOS OCTAL BUFFER
1996 REV 1
MC74LCX541 ONSEMI-MC74LCX541 Datasheet
154Kb / 8P
LOW-VOLTAGE CMOS OCTAL BUFFER
1996 REV 1
74LVC244A ONSEMI-74LVC244A Datasheet
92Kb / 9P
Low-Voltage CMOS Octal Buffer
October, 2015 ??Rev. 0
74LVC373A ONSEMI-74LVC373A Datasheet
99Kb / 10P
Low-Voltage CMOS Octal Buffer
September, 2015 ??Rev. 1
74LVC374A ONSEMI-74LVC374A Datasheet
102Kb / 10P
Low-Voltage CMOS Octal Buffer
September, 2015 ??Rev. 1
MC74LCX240 ONSEMI-MC74LCX240_V01 Datasheet
252Kb / 8P
Low-Voltage CMOS Octal Buffer
March, 2019 ??Rev. 11
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com