Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC374ADTR2G Datasheet (PDF) - ON Semiconductor

74LVC374ADTR2G Datasheet PDF - ON Semiconductor
Part # 74LVC374ADTR2G
Download  74LVC374ADTR2G Download
File Size   102.0 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low-Voltage CMOS Octal Buffer

74LVC374ADTR2G Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC374ADTR2G Datasheet PDF - ON Semiconductor

Part # 74LVC374ADTR2G
Download  74LVC374ADTR2G Click to download

File Size   102.0 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low-Voltage CMOS Octal Buffer

74LVC374ADTR2G Datasheet (HTML) - ON Semiconductor


74LVC374ADTR2G Product details

Low-Voltage CMOS Octal D-Type Flip-Flop
With 5 V−Tolerant Inputs and Outputs (3−State, Non−Inverting)

The 74LVC374A is a high performance, non−inverting octal D−type flip−flop operating from a 1.2 to 3.6 V supply. High impedance TTL compatible inputs significantly reduce current loading to input drivers while TTL compatible outputs offer improved switching noise performance. A VI specification of 5.5 V allows 74LVC374A inputs to be safely driven from 5 V devices.
The 74LVC374A consists of 8 edge−triggered flip−flops with individual D−type inputs and 3−state true outputs. The buffered clock and buffered Output Enable (OE) are common to all flip−flops. The eight flip−flops will store the state of individual D inputs that meet the setup and hold time requirements on the LOW−to−HIGH Clock (CP) transition. With the OE LOW, the contents of the eight flip−flops are available at the outputs. When the OE is HIGH, the outputs go to the high impedance state. The OE input level does not affect the operation of the flip−flops.

Features
• Designed for 1.2 to 3.6 V VCC Operation
• 5 V Tolerant − Interface Capability With 5 V TTL Logic
• Supports Live Insertion and Withdrawal
• IOFF Specification Guarantees High Impedance When VCC = 0 V
• 24 mA Output Sink and Source Capability
• Near Zero Static Supply Current in All Three Logic States (10 A)
   Substantially Reduces System Power Requirements
• ESD Performance:
   ♦ Human Body Model >2000 V
   ♦ Machine Model >200 V
• These are Pb−Free Devices




Similar Part No. - 74LVC374ADTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LVC374ADTR2G ONSEMI-74LVC374ADTR2G Datasheet
101Kb / 10P
Low-Voltage CMOS Octal D-Type Flip-Flop
April, 2016 ??Rev. 2
More results


Similar Description - 74LVC374ADTR2G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX540 MOTOROLA-MC74LCX540 Datasheet
155Kb / 8P
LOW-VOLTAGE CMOS OCTAL BUFFER
MC74LCX541 MOTOROLA-MC74LCX541 Datasheet
154Kb / 8P
LOW-VOLTAGE CMOS OCTAL BUFFER
MC74LVQ244 MOTOROLA-MC74LVQ244 Datasheet
202Kb / 8P
LOW-VOLTAGE CMOS OCTAL BUFFER
MC74LVQ541 MOTOROLA-MC74LVQ541 Datasheet
205Kb / 8P
LOW-VOLTAGE CMOS OCTAL BUFFER
logo
ON Semiconductor
MC74LCX540 ONSEMI-MC74LCX540 Datasheet
155Kb / 8P
LOW-VOLTAGE CMOS OCTAL BUFFER
1996 REV 1
MC74LCX541 ONSEMI-MC74LCX541 Datasheet
154Kb / 8P
LOW-VOLTAGE CMOS OCTAL BUFFER
1996 REV 1
MC74LCX240 ONSEMI-MC74LCX240_12 Datasheet
125Kb / 7P
Low-Voltage CMOS Octal Buffer
July, 2012 ??Rev. 9
74LVC244A ONSEMI-74LVC244A Datasheet
92Kb / 9P
Low-Voltage CMOS Octal Buffer
October, 2015 ??Rev. 0
74LVC373A ONSEMI-74LVC373A Datasheet
99Kb / 10P
Low-Voltage CMOS Octal Buffer
September, 2015 ??Rev. 1
MC74LCX240 ONSEMI-MC74LCX240_V01 Datasheet
252Kb / 8P
Low-Voltage CMOS Octal Buffer
March, 2019 ??Rev. 11
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com