Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT8885 Datasheet (PDF) - Mitel Networks Corporation

MT8885 Datasheet PDF - Mitel Networks Corporation
Part # MT8885
Download  MT8885 Download
File Size   350.75 Kbytes
Page   20 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description Integrated DTMFTransceiver with Power Down & Adaptive Micro Interface

MT8885 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT8885 Datasheet PDF - Mitel Networks Corporation

Part # MT8885
Download  MT8885 Click to download

File Size   350.75 Kbytes
Page   20 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description Integrated DTMFTransceiver with Power Down & Adaptive Micro Interface

MT8885 Datasheet (HTML) - Mitel Networks Corporation


MT8885 Product details

Description
The MT8885 is a monolithic DTMF transceiver with call progress filter. It is fabricated in CMOS technology offering low power consumption and high reliability.
The receiver section is based upon the industry standard MT8870 DTMF receiver while the transmitter utilizes a switched capacitor D/A converter for low distortion, high accuracy DTMF signalling. Internal counters provide a burst mode such that tone bursts can be transmitted with precise timing. A call progress filter can be selected allowing a microprocessor to analyze call progress tones.
The MT8885 utilizes an adaptive micro interface, which allows the device to be connected to a number of popular microcontrollers with minimal external logic. The MT8885 provides enhanced power down features. The transmitter and receiver may independently be powered down via register control. A full chip power down pin provides simple power and control capability.

Features
• External power down pin
• Central office quality DTMF transmitter/ receiver
• Low power consumption
• High speed adaptive micro interface
• Adjustable guard time
• Automatic tone burst mode
• Call progress tone detection to -30dBm
• DTMF transmitter/receiver power down via register control

Applications
• Credit card systems
• Paging systems
• Repeater systems/mobile radio
• Interconnect dialers
• Personal computers




Similar Part No. - MT8885

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8880 MITEL-MT8880 Datasheet
312Kb / 18P
ISO2-CMOS Integrated DTMFTransceiver
MT8880C MITEL-MT8880C Datasheet
312Kb / 18P
ISO2-CMOS Integrated DTMFTransceiver
MT8880C MITEL-MT8880C Datasheet
312Kb / 18P
Integrated DTMFTransceiver
MT8880CC MITEL-MT8880CC Datasheet
312Kb / 18P
ISO2-CMOS Integrated DTMFTransceiver
MT8880CC-1 MITEL-MT8880CC-1 Datasheet
312Kb / 18P
ISO2-CMOS Integrated DTMFTransceiver
More results


Similar Description - MT8885

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8880C MITEL-MT8880C Datasheet
312Kb / 18P
ISO2-CMOS Integrated DTMFTransceiver
MT8888C MITEL-MT8888C Datasheet
302Kb / 16P
Integrated DTMFTransceiver with Intel Micro Interface
MT8889C MITEL-MT8889C Datasheet
356Kb / 18P
Integrated DTMFTransceiver with Adaptive Micro Interface
MT88L85 MITEL-MT88L85 Datasheet
350Kb / 20P
3V Integrated DTMFTransceiver with Power Down & Adaptive Micro Interface
MT88L89 MITEL-MT88L89 Datasheet
352Kb / 20P
3V Integrated DTMFTransceiver with Adaptive Micro Interface
logo
Zarlink Semiconductor I...
MT8888C ZARLINK-MT8888C Datasheet
684Kb / 25P
Integrated DTMF Transceiver with Intel Micro Interface
logo
Mitel Networks Corporat...
MT8880C MITEL-MT8880C Datasheet
312Kb / 18P
Integrated DTMFTransceiver
logo
Zarlink Semiconductor I...
MT8889C ZARLINK-MT8889C Datasheet
494Kb / 31P
Integrated DTMF Transceiver with Adaptive Micro Interface
logo
Texas Instruments
LP8727 TI1-LP8727 Datasheet
1Mb / 33P
Micro/Mini USB Interface with Integrated 28V Charger
TPS53820 TI1-TPS53820 Datasheet
168Kb / 10P
Integrated Step-Down Converter with SVID Interface for Intel짰 CPU Power Supply
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com