Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT88L85 Datasheet (PDF) - Mitel Networks Corporation

MT88L85 Datasheet PDF - Mitel Networks Corporation
Part # MT88L85
Download  MT88L85 Download
File Size   350.82 Kbytes
Page   20 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description 3V Integrated DTMFTransceiver with Power Down & Adaptive Micro Interface

MT88L85 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT88L85 Datasheet PDF - Mitel Networks Corporation

Part # MT88L85
Download  MT88L85 Click to download

File Size   350.82 Kbytes
Page   20 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description 3V Integrated DTMFTransceiver with Power Down & Adaptive Micro Interface

MT88L85 Datasheet (HTML) - Mitel Networks Corporation


MT88L85 Product details

Description
The MT88L85 is a monolithic DTMF transceiver with call progress filter. It is fabricated in CMOS technology offering low power consumption and high reliability.
The receiver section is based upon the industry standard MT8870 DTMF receiver while the transmitter utilizes a switched capacitor D/A converter for low distortion, high accuracy DTMF signalling. Internal counters provide a burst mode such that tone bursts can be transmitted with precise timing. A call progress filter can be selected allowing a microprocessor to analyze call progress tones.

Features
• External power down pin
• Low voltage operation (2.7V - 3.6V)
• Central office quality DTMF transmitter/ receiver
• Low power consumption
• High speed adaptive micro interface
• Adjustable guard time
• Automatic tone burst mode
• Call progress tone detection to -30dBm
• DTMF transmitter/receiver power down via register control

Applications
• Credit card systems
• Paging systems
• Repeater systems/mobile radio
• Interconnect dialers
• Personal computers




Similar Part No. - MT88L85

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT88L89 MITEL-MT88L89 Datasheet
352Kb / 20P
3V Integrated DTMFTransceiver with Adaptive Micro Interface
MT88L89AC MITEL-MT88L89AC Datasheet
352Kb / 20P
3V Integrated DTMFTransceiver with Adaptive Micro Interface
MT88L89AE MITEL-MT88L89AE Datasheet
352Kb / 20P
3V Integrated DTMFTransceiver with Adaptive Micro Interface
MT88L89AN MITEL-MT88L89AN Datasheet
352Kb / 20P
3V Integrated DTMFTransceiver with Adaptive Micro Interface
MT88L89AP MITEL-MT88L89AP Datasheet
352Kb / 20P
3V Integrated DTMFTransceiver with Adaptive Micro Interface
More results


Similar Description - MT88L85

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ5622 TRIQUINT-TQ5622 Datasheet
80Kb / 9P
3V PCS Receiver IC With Power- Down
logo
Mitel Networks Corporat...
MT8880C MITEL-MT8880C Datasheet
312Kb / 18P
ISO2-CMOS Integrated DTMFTransceiver
MT8885 MITEL-MT8885 Datasheet
350Kb / 20P
Integrated DTMFTransceiver with Power Down & Adaptive Micro Interface
MT8888C MITEL-MT8888C Datasheet
302Kb / 16P
Integrated DTMFTransceiver with Intel Micro Interface
MT8889C MITEL-MT8889C Datasheet
356Kb / 18P
Integrated DTMFTransceiver with Adaptive Micro Interface
MT88L89 MITEL-MT88L89 Datasheet
352Kb / 20P
3V Integrated DTMFTransceiver with Adaptive Micro Interface
logo
Zarlink Semiconductor I...
MT8888C ZARLINK-MT8888C Datasheet
684Kb / 25P
Integrated DTMF Transceiver with Intel Micro Interface
logo
Mitel Networks Corporat...
MT8880C MITEL-MT8880C Datasheet
312Kb / 18P
Integrated DTMFTransceiver
logo
Zarlink Semiconductor I...
MT8889C ZARLINK-MT8889C Datasheet
494Kb / 31P
Integrated DTMF Transceiver with Adaptive Micro Interface
logo
Texas Instruments
LP8727 TI1-LP8727 Datasheet
1Mb / 33P
Micro/Mini USB Interface with Integrated 28V Charger
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com