Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QFX Datasheet (PDF) - Vishay Siliconix

QFX Datasheet PDF - Vishay Siliconix
Part # QFX
Download  QFX Download
File Size   75.93 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Thin Film, Top-Contact Megohm Resistor

QFX Datasheet (PDF)

Go To PDF Page Download Datasheet
QFX Datasheet PDF - Vishay Siliconix

Part # QFX
Download  QFX Click to download

File Size   75.93 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Thin Film, Top-Contact Megohm Resistor

QFX Datasheet (HTML) - Vishay Siliconix




Similar Part No. - QFX

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
QFX-10GBASE-LR-C ATGBICS-QFX-10GBASE-LR-C Datasheet
367Kb / 10P
QFX-10GBASE-LR Juniper Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
logo
Juniper Networks, Inc.
QFX-QSFP-40G-SR4 JUNIPER-QFX-QSFP-40G-SR4 Datasheet
1Mb / 14P
Ethernet Switch
May 2016
logo
ATGBICS by Approved Tec...
QFX-QSFP-40G-SR4-C ATGBICS-QFX-QSFP-40G-SR4-C Datasheet
541Kb / 15P
QFX-QSFP-40G-SR4 Juniper Compatible Transceiver QSFP 40GBase-SR4 (850nm, MMF, 150m, MTP/MPO, DOM)
logo
Juniper Networks, Inc.
QFX-QSFP-DAC-1M JUNIPER-QFX-QSFP-DAC-1M Datasheet
1Mb / 14P
Ethernet Switch
May 2016
logo
ATGBICS by Approved Tec...
QFX-QSFP-DAC-1M-C ATGBICS-QFX-QSFP-DAC-1M-C Datasheet
332Kb / 8P
QFX-QSFP-DAC-1M Juniper Compatible Direct Attach Copper Twinax Cable 40G QSFP (1m, Passive)
More results


Similar Description - QFX

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BCR VISHAY-BCR Datasheet
102Kb / 3P
Thin Film, Back-Contact Resistor
12-Mar-08
BCR VISHAY-BCR_15 Datasheet
77Kb / 3P
Thin Film, Back-Contact Resistor
25-Feb-13
MSFM VISHAY-MSFM Datasheet
82Kb / 3P
Thin Film, Top-Contact Miniature Resistor
26-Jan-15
QFM VISHAY-QFM Datasheet
75Kb / 3P
Thin Film, Top-Contact Resistor
05-Apr-13
QFN VISHAY-QFN Datasheet
77Kb / 3P
NiCr Thin Film, Top-Contact Resistor
05-Apr-13
SC3 VISHAY-SC3_15 Datasheet
138Kb / 3P
NiCr Thin Film, Top-Contact Resistor
05-Apr-13
SFM VISHAY-SFM Datasheet
74Kb / 3P
Thin Film Top-Contact Resistor
25-Feb-13
SFN VISHAY-SFN Datasheet
96Kb / 3P
NiCr Thin Film, Top-Contact Resistor
11-Sep-13
SFP VISHAY-SFP Datasheet
88Kb / 3P
Thin Film Top-Contact Resistor with Part Mark
04-Mar-13
SFX VISHAY-SFX Datasheet
74Kb / 3P
Thin Film, Top-Contact Megohm Resistor
04-Mar-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com