Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QFX Datasheet(PDF) 2 Page - Vishay Siliconix

Part # QFX
Description  Thin Film, Top-Contact Megohm Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

QFX Datasheet(HTML) 2 Page - Vishay Siliconix

  QFX Datasheet HTML 1Page - Vishay Siliconix QFX Datasheet HTML 2Page - Vishay Siliconix QFX Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
QFX
www.vishay.com
Vishay Electro-Films
Revision: 05-Apr-13
2
Document Number: 61031
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches
SCHEMATIC
MECHANICAL SPECIFICATIONS
PARAMETER
VALUE
Chip Size
0.050" x 0.050" ± 0.003" (1.25 mm x 1.25 mm ± 0.75 mm)
Chip Thickness
0.010" ± 0.002" (0.254 mm ± 0.05 mm)
Chip Substrate Material
Quartz
Resistor Material
Tantalum nitride, self-passivating
Bonding Pad size
0.005" x 0.005" (0.127 mm x 0.127 mm)
Number of Pads
2
Pad Material
10 kÅ minimum aluminum (Au optional)
Backing
None, lapped quartz
GLOBAL PART NUMBER INFORMATION
Global Part Number: QFX25003KR4GGKWS
Global Part Number Description: QFX 2.5M 10 % 0/- 250 ppm/°C 40 Au Au K WS
MODEL
RESISTANCE
RESISTANCE
MULTILPLIER
CODE
TOL.
CODE
(%)
TCR
(ppm/°C)
SIZE
TERMINATION
BACK
METAL
VISUAL
CLASS
PACKAGING
CODE
QFX
High value
TaN on
Quartz
First 4
digits are
significant
figures of
resistance
2 = 100
3 = 1000
4 = 10 000
B = 0.1
C = 0.25
D = 0.5
F = 1.0
G = 2.0
J = 5.0
K = 10.0
E = ± 25
C = ± 50
K = ± 100
M = ± 250
W = ± 350
R = 0/- 250
P = 0/- 350
I = 0/- 200
3 = 30 x 30
4 = 40 x 40
5 = 55 x 55
G = Au
A = Al
G = Au
N = None
H =
Class H
K =
Class K
WS =
Waffle pack
100 min.,
1 mult
0.050
0.045
0.050
0.005
0.005
003
K
4
G
G
R
2
KW
X
QF
5
S



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com