Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT8972B Datasheet (PDF) - Mitel Networks Corporation

MT8972B Datasheet PDF - Mitel Networks Corporation
Part # MT8972B
Download  MT8972B Download
File Size   390.64 Kbytes
Page   20 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit

MT8972B Datasheet (PDF)

Go To PDF Page Download Datasheet
MT8972B Datasheet PDF - Mitel Networks Corporation

Part # MT8972B
Download  MT8972B Click to download

File Size   390.64 Kbytes
Page   20 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit

MT8972B Datasheet (HTML) - Mitel Networks Corporation


MT8972B Product details

Description
The MT8971B (DSIC) and MT8972B (DNIC) are multi-function devices capable of providing high speed, full duplex digital transmission up to 160 kbit/s over a twisted wire pair. They use adaptive echo-cancelling techniques and transfer data in (2B+D) format compatible to the ISDN basic rate.

Features
• Full duplex transmission over a single twisted pair
• Selectable 80 or 160 kbit/s line rate
• Adaptive echo cancellation
• Up to 3km (8971B) and 4 km (8972B)
• ISDN compatible (2B+D) data format
• Transparent modem capability
• Frame synchronization and clock extraction
• MITEL ST-BUS compatible
• Low power (typically 50 mW), single 5V supply

Applications
• Digital subscriber lines
• High speed data transmission over twisted wires
• Digital PABX line cards and telephone sets
• 80 or 160 kbit/s single chip modem




Similar Part No. - MT8972B

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8976 MITEL-MT8976 Datasheet
337Kb / 26P
ISO-CMOS ST-BUS??FAMILY T1/ESF Framer Circuit
MT8976AC MITEL-MT8976AC Datasheet
337Kb / 26P
ISO-CMOS ST-BUS??FAMILY T1/ESF Framer Circuit
MT8976AE MITEL-MT8976AE Datasheet
337Kb / 26P
ISO-CMOS ST-BUS??FAMILY T1/ESF Framer Circuit
MT8976AP MITEL-MT8976AP Datasheet
337Kb / 26P
ISO-CMOS ST-BUS??FAMILY T1/ESF Framer Circuit
MT8977 MITEL-MT8977 Datasheet
344Kb / 26P
ISO-CMOS ST-BUS??FAMILY T1/ESF Framer Circuit
More results


Similar Description - MT8972B

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8910-1 MITEL-MT8910-1 Datasheet
419Kb / 26P
CMOS ST-BUS??FAMILY Digital Subscriber Line Interface Circuit
MT8930C-1 MITEL-MT8930C-1 Datasheet
323Kb / 42P
CMOS ST-BUS??FAMILY Subscriber Network Interface Circuit
MT8930C MITEL-MT8930C Datasheet
683Kb / 36P
CMOS ST-BUS??FAMILY Subscriber Network Interface Circuit Preliminary Information
MT8931C MITEL-MT8931C Datasheet
309Kb / 40P
CMOS ST-BUS??FAMILY Subscriber Network Interface Circuit Preliminary Information
MT9171 MITEL-MT9171 Datasheet
393Kb / 22P
ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
MT9174 MITEL-MT9174 Datasheet
33Kb / 4P
ISO2-CMOS ST-BUS??FAMILY Digital Network Interface Circuit with Receive Sync Marker Bit
logo
Zarlink Semiconductor I...
MT8930C ZARLINK-MT8930C Datasheet
2Mb / 41P
Subscriber Network Interface Circuit
MT9173 ZARLINK-MT9173 Datasheet
613Kb / 28P
Digital Subscriber Interface Circuit with RxSB Digital Network Interface Circuit with RxSB
logo
Mitel Networks Corporat...
MT8931B MITEL-MT8931B Datasheet
37Kb / 3P
Subscriber Network Interface Circuit
logo
Zarlink Semiconductor I...
MT9171 ZARLINK-MT9171_06 Datasheet
553Kb / 28P
Digital Subscriber Interface Circuit Digital Network Interface Circuit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com