Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRM140E Datasheet (PDF) - ON Semiconductor

MBRM140E Datasheet PDF - ON Semiconductor
Part # MBRM140E
Download  MBRM140E Download
File Size   158.33 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low Leakage Surface Mount Schottky Power Rectifier

MBRM140E Datasheet (PDF)

Go To PDF Page Download Datasheet
MBRM140E Datasheet PDF - ON Semiconductor

Part # MBRM140E
Download  MBRM140E Click to download

File Size   158.33 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low Leakage Surface Mount Schottky Power Rectifier

MBRM140E Datasheet (HTML) - ON Semiconductor


MBRM140E Product details

SCHOTTKY BARRIER RECTIFIER 1.0 AMPERES, 40 VOLTS



POWERMITE® Power Surface Mount Package



The Schottky Powermite® employs the Schottky Barrier principle with a barrier metal and epitaxial construction that produces optimal forward voltage drop−reverse current tradeoff.



Features

• Low Leakage Current (IR) Provides Higher Efficiency and Extends
Battery Life

• Low Profile − Maximum Height of 1.1 mm

• Small Footprint − Footprint Area of 8.45 mm2

• Low Thermal Resistance with Direct Thermal Path of Die on
Exposed Cathode Heat Sink

• ESD Ratings: Machine Model, C

                         Human Body Model, 3B

• Pb−Free Packages are Available




Similar Part No. - MBRM140E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRM140 ONSEMI-MBRM140 Datasheet
94Kb / 8P
Surface Mount Schottky Power Rectifier
December, 2002 - Rev. 1
MBRM140 ONSEMI-MBRM140 Datasheet
69Kb / 5P
Surface Mount Schottky Power Rectifier
September, 2006 ??Rev. 3
logo
Linear Technology
MBRM140 LINER-MBRM140 Datasheet
207Kb / 20P
True Color PWM Delivers Constant Color with 400:1 Dimming Range
logo
ON Semiconductor
MBRM140D ONSEMI-MBRM140D Datasheet
94Kb / 8P
Surface Mount Schottky Power Rectifier
December, 2002 - Rev. 1
MBRM140T1 ONSEMI-MBRM140T1 Datasheet
94Kb / 8P
Surface Mount Schottky Power Rectifier
December, 2002 - Rev. 1
More results


Similar Description - MBRM140E

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSASC100W45H MICROSEMI-MSASC100W45H Datasheet
39Kb / 2P
SURFACE MOUNT LOW LEAKAGE SCHOTTKY DIODE
logo
Sensitron
SHD114222 SENSITRON-SHD114222 Datasheet
124Kb / 3P
POWER SCHOTTKY RECTIFIER LOW REVERSE LEAKAGE
SHD114236 SENSITRON-SHD114236 Datasheet
121Kb / 3P
POWER SCHOTTKY RECTIFIER LOW REVERSE LEAKAGE
SHD114246 SENSITRON-SHD114246 Datasheet
121Kb / 3P
POWER SCHOTTKY RECTIFIER LOW REVERSE LEAKAGE
SHD114468 SENSITRON-SHD114468 Datasheet
52Kb / 3P
POWER SCHOTTKY RECTIFIER LOW REVERSE LEAKAGE
SHD123636P SENSITRON-SHD123636P Datasheet
83Kb / 3P
POWER SCHOTTKY RECTIFIER Low Reverse Leakage
SHD114645 SENSITRON-SHD114645 Datasheet
67Kb / 3P
POWER SCHOTTKY RECTIFIER Low Reverse Leakage
SHD114236 SENSITRON-SHD114236_08 Datasheet
64Kb / 3P
POWER SCHOTTKY RECTIFIER Low Reverse Leakage
SHD114436 SENSITRON-SHD114436_08 Datasheet
64Kb / 3P
POWER SCHOTTKY RECTIFIER Low Reverse Leakage
logo
Central Semiconductor C...
CMPSH1-4LE CENTRAL-CMPSH1-4LE_10 Datasheet
505Kb / 2P
SURFACE MOUNT HIGH CURRENT LOW VF, LOW LEAKAGE SILICON SCHOTTKY RECTIFIER
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com