Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT90823 Datasheet (PDF) - Mitel Networks Corporation

MT90823 Datasheet PDF - Mitel Networks Corporation
Part # MT90823
Download  MT90823 Download
File Size   150.75 Kbytes
Page   34 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description 3V Large Digital Switch

MT90823 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT90823 Datasheet PDF - Mitel Networks Corporation

Part # MT90823
Download  MT90823 Click to download

File Size   150.75 Kbytes
Page   34 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description 3V Large Digital Switch

MT90823 Datasheet (HTML) - Mitel Networks Corporation


MT90823 Product details

Description
The MT90823 Large Digital Switch has a non-blocking switch capacity of: 2,048 x 2,048 channels at a serial bit rate of 8.192 Mb/s; 1,024 x 1,024 channels at 4.096 Mb/s; and 512 x 512 channels at 2.048 Mb/s. The device has many features that are programmable on a per stream or per channel basis, including message mode, input offset delay and high impedance output control.

Features
• 2,048 × 2,048 channel non-blocking switching at 8.192 Mb/s
• Per-channel variable or constant throughput delay
• Automatic identification of ST-BUS/GCI interfaces
• Accept ST-BUS streams of 2.048, 4.096 or 8.192 Mb/s
• Automatic frame offset delay measurement
• Per-stream frame delay offset programming
• Per-channel high impedance output control
• Per-channel message mode
• Control interface compatible to Motorola non-multiplexed CPUs
• Connection memory block programming
• 3.3V local I/O with 5V tolerant inputs and TTL-compatible outputs
• IEEE-1149.1 (JTAG) Test Port

Applications
• Medium and large switching platforms
• CTI application
• Voice/data multiplexer
• Digital cross connects
• ST-BUS/GCI interface functions
• Support IEEE 802.9a standard




Similar Part No. - MT90823

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT90823 ZARLINK-MT90823 Datasheet
663Kb / 46P
3V Large Digital Switch
MT90823AB ZARLINK-MT90823AB Datasheet
663Kb / 46P
3V Large Digital Switch
MT90823AB1 ZARLINK-MT90823AB1 Datasheet
663Kb / 46P
3V Large Digital Switch
MT90823AG ZARLINK-MT90823AG Datasheet
663Kb / 46P
3V Large Digital Switch
MT90823AL ZARLINK-MT90823AL Datasheet
663Kb / 46P
3V Large Digital Switch
More results


Similar Description - MT90823

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PEB2047 SIEMENS-PEB2047 Datasheet
297Kb / 50P
Memory Time Switch Large MTSL
logo
Advanced Analogic Techn...
AAT4650 ANALOGICTECH-AAT4650 Datasheet
428Kb / 12P
5V/3V PC Card Power Switch
logo
Dallas Semiconductor
DS1869 DALLAS-DS1869 Datasheet
131Kb / 8P
3V Dallastat Electronic Digital Rheostat
logo
Mitel Networks Corporat...
MT90820 MITEL-MT90820 Datasheet
69Kb / 10P
CMOS ST-BUS??FAMILY Large Digital Switch (LDX)
MT90863 MITEL-MT90863 Datasheet
154Kb / 35P
3V Rate Conversion Digital Switch
logo
Zarlink Semiconductor I...
MT90823AP ZARLINK-MT90823AP Datasheet
663Kb / 46P
3V Large Digital Switch
MT90820 ZARLINK-MT90820 Datasheet
573Kb / 37P
Large Digital Switch
logo
Advanced Analogic Techn...
AAT4650 ANALOGICTECH-AAT4650_06 Datasheet
333Kb / 14P
5V/3V PC Card Power Switch
logo
Analog Devices
AD9218 AD-AD9218_17 Datasheet
872Kb / 29P
3V Dual Analog-to-Digital Converter
Rev. C
logo
Maxim Integrated Produc...
DS1869 MAXIM-DS1869 Datasheet
136Kb / 8P
3V DallastatTM Electronic Digital Rheostat
112099
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com