Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1869 Datasheet (PDF) - Dallas Semiconductor

DS1869 Datasheet PDF - Dallas Semiconductor
Part # DS1869
Download  DS1869 Download
File Size   131.34 Kbytes
Page   8 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 3V Dallastat Electronic Digital Rheostat

DS1869 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1869 Datasheet PDF - Dallas Semiconductor

Part # DS1869
Download  DS1869 Click to download

File Size   131.34 Kbytes
Page   8 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 3V Dallastat Electronic Digital Rheostat

DS1869 Datasheet (HTML) - Dallas Semiconductor


DS1869 Product details

DESCRIPTION

The DS1869 DallastatTM is a digital rheostat or potentiometer. This device provides 64 possible uniform tap points over the entire resistive range. The standard resistive ranges are 10 kΩ, 50 kΩ, and 100 kΩ. The Dallastat can be controlled by either a switch contact closure input or a digital source input such as a CPU. The DS1869 operates from 3V or 5V supplies. Wiper position is maintained in the absence of power through the use of a EEPROM memory cell array. The EEPROM cell array will withstand more than 50,000 writes.



FEATURES

● Replaces mechanical variable resistors

● Operates from 3V or 5V supplies

● Electronic interface provided for digital as well as manual control

● Internal pull-ups with debounce for easy interfacing to mechanical push buttons

● Wiper position is maintained in the absence of power

● Low cost alternative to mechanical controls

● Applications include volume, tone, contrast, brightness, and dimmer control

● 8-pin SOIC and 8-pin DIP packages are available

● Standard resistance values for Dallastat

      - DS1869-10 ~ 10 kΩ

      - DS1869-50 ~ 50 kΩ

      - DS1869-100 ~ 100 kΩ

● Operating temperature range:

       - Industrial: -40°C to +85°C

● 3V to 8V differential supply operational range




Similar Part No. - DS1869

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1869 MAXIM-DS1869 Datasheet
136Kb / 8P
3V DallastatTM Electronic Digital Rheostat
112099
More results


Similar Description - DS1869

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6235F ROHM-BA6235F Datasheet
38Kb / 3P
3V electronic governor
logo
Sanyo Semicon Device
LC7533 SANYO-LC7533 Datasheet
87Kb / 3P
3V Electronic Volume Control
logo
Dallas Semiconductor
DS1669 DALLAS-DS1669 Datasheet
151Kb / 10P
Dallastat Electronic Digital Rheostat
DS1668 DALLAS-DS1668 Datasheet
70Kb / 10P
ELECTRONIC DIGITAL RHEOSTAT
logo
Vishay Siliconix
RT12 VISHAY-RT12 Datasheet
122Kb / 2P
Wirewound Rheostat/Potentiometer
27-Jun-02
logo
Sanyo Semicon Device
LC7534M SANYO-LC7534M Datasheet
438Kb / 5P
3V-Operated Electronic Volume Control
logo
Vishay Siliconix
RT25 VISHAY-RT25 Datasheet
118Kb / 3P
Wirewound Rheostat/Potentiometer
24-Sep-08
RT500 VISHAY-RT500 Datasheet
95Kb / 3P
Wirewound Rheostat/Potentiometer
24-Sep-08
logo
Maxim Integrated Produc...
DS1669 MAXIM-DS1669 Datasheet
178Kb / 11P
Dallastat Electronic Digital Rheostat
011806
DS1869 MAXIM-DS1869 Datasheet
136Kb / 8P
3V DallastatTM Electronic Digital Rheostat
112099
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com