Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1668 Datasheet (PDF) - Dallas Semiconductor

DS1668 Datasheet PDF - Dallas Semiconductor
Part # DS1668
Download  DS1668 Download
File Size   70.39 Kbytes
Page   10 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description ELECTRONIC DIGITAL RHEOSTAT

DS1668 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1668 Datasheet PDF - Dallas Semiconductor

Part # DS1668
Download  DS1668 Click to download

File Size   70.39 Kbytes
Page   10 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description ELECTRONIC DIGITAL RHEOSTAT

DS1668 Datasheet (HTML) - Dallas Semiconductor


DS1668 Product details

DESCRIPTION

The DS1668 and DS1669 Dallastats are digital rheo stats or potentiometers. These units provide 64 possible uniform tap points over the resistive range and are available in standard versions of 10K, 50K, and 100Kohms. The Dallastats can be controlled by either a mechanical–type contact closure input or a digital source input such as a CPU. Wiper position is maintained in the absence of power which is accomplished through the use of a EEPROM memory cell array. The EEPROM cell array is specified to accept greater than 80,000 writes.



FEATURES

• Replaces mechanical variable resistors

• Available as the DS1668 with manual interface or the DS1669 integrated circuit

• Human engineered interface provides easy control with DS1668

• Electronic interface provided for digital as well as manual control

• Wide differential input voltage range between 4.5 and 8 volts

• Wiper position is maintained in the absence of power

• Low cost alternative to mechanical controls

• Applications include volume, tone, contrast, bright ness, and dimmer control

• 8–pin SOIC and 8–pin DIP packages for DS1669

• Standard resistance values for Dallastat

– DS1668/DS1669–10 ~ 10KΩ

– DS1668/DS1669–50 ~ 50KΩ

– DS1668/DS1669–100 ~ 100KΩ

• Operating Temperature Range

– Commercial: 0°C to 70°C; DS1668, DS1669

– Industrial: –40°C to +85°C; DS1669




Similar Part No. - DS1668

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS166 LUMILEDS-DS166 Datasheet
2Mb / 16P
Unsurpassed light quality and CBCP due to small LES
logo
Dallas Semiconductor
DS1666 DALLAS-DS1666 Datasheet
49Kb / 7P
Audio Digital Resistor
logo
Maxim Integrated Produc...
DS1666 MAXIM-DS1666 Datasheet
137Kb / 9P
Audio Digital Resistor
102899
logo
Dallas Semiconductor
DS1666-010 DALLAS-DS1666-010 Datasheet
49Kb / 7P
Audio Digital Resistor
logo
Maxim Integrated Produc...
DS1666-010 MAXIM-DS1666-010 Datasheet
137Kb / 9P
Audio Digital Resistor
102899
More results


Similar Description - DS1668

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1669 DALLAS-DS1669 Datasheet
151Kb / 10P
Dallastat Electronic Digital Rheostat
DS1869 DALLAS-DS1869 Datasheet
131Kb / 8P
3V Dallastat Electronic Digital Rheostat
logo
Vishay Siliconix
RT12 VISHAY-RT12 Datasheet
122Kb / 2P
Wirewound Rheostat/Potentiometer
27-Jun-02
RT55 VISHAY-RT55 Datasheet
157Kb / 2P
Wirewound Rheostat/Potentiometer
27-Jun-02
RT12 VISHAY-RT12_08 Datasheet
109Kb / 3P
Wirewound Rheostat/Potentiometer
24-Sep-08
RT25 VISHAY-RT25 Datasheet
118Kb / 3P
Wirewound Rheostat/Potentiometer
24-Sep-08
RT500 VISHAY-RT500 Datasheet
95Kb / 3P
Wirewound Rheostat/Potentiometer
24-Sep-08
RT500 VISHAY-RT500_16 Datasheet
94Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
logo
Maxim Integrated Produc...
DS1669 MAXIM-DS1669 Datasheet
178Kb / 11P
Dallastat Electronic Digital Rheostat
011806
DS1869 MAXIM-DS1869 Datasheet
136Kb / 8P
3V DallastatTM Electronic Digital Rheostat
112099
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com