Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT90826 Datasheet (PDF) - Mitel Networks Corporation

MT90826 Datasheet PDF - Mitel Networks Corporation
Part # MT90826
Download  MT90826 Download
File Size   132.53 Kbytes
Page   30 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description Quad Digital Switch

MT90826 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT90826 Datasheet PDF - Mitel Networks Corporation

Part # MT90826
Download  MT90826 Click to download

File Size   132.53 Kbytes
Page   30 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description Quad Digital Switch

MT90826 Datasheet (HTML) - Mitel Networks Corporation


MT90826 Product details

Description
The MT90826 Quad Digital Switch has a non blocking switch capacity of 4,096 x 4,096 channels at a serial bit rate of 8.192Mb/s or 16.384 Mb/s, 2,048 x 2,048 channels at 4.096Mb/s and 1024 x 1024 channels at 2.048Mb/s. The device has many features that are programmable on a per stream or per channel basis, including message mode, input offset delay and high impedance output control.

Features
• 4,096 × 4,096 channel non-blocking switching at 8.192 or 16.384 Mb/s
• Per-channel variable or constant throughput delay
• Accept ST-BUS streams of 2.048Mb/s, 4.096Mb/s, 8.192Mb/s, or 16.384 Mb/s
• Split Rate mode allows mix of two bit rates and rate conversions
• Automatic frame offset delay measurement for ST-BUS input and output streams
• Per-stream frame delay offset programming
• Per-channel high impedance output control
• Bit Error Monitoring on selected ST-BUS input and output channels.
• Per-channel message mode
• Connection memory block programming
• IEEE-1149.1 (JTAG) Test Port
• 3.3V local I/O with 5V tolerant inputs and TTL compatible outputs

Applications
• Medium and large switching platforms
• CTI application
• Voice/data multiplexer
• Digital cross connects
• WAN access system
• Wireless base stations




Similar Part No. - MT90826

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT90826 ZARLINK-MT90826 Datasheet
571Kb / 46P
Quad Digital Switch
MT90826AG ZARLINK-MT90826AG Datasheet
571Kb / 46P
Quad Digital Switch
MT90826AL ZARLINK-MT90826AL Datasheet
571Kb / 46P
Quad Digital Switch
MT90826AL1 ZARLINK-MT90826AL1 Datasheet
571Kb / 46P
Quad Digital Switch
MT90826AV ZARLINK-MT90826AV Datasheet
571Kb / 46P
Quad Digital Switch
More results


Similar Description - MT90826

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1844 DALLAS-DS1844 Datasheet
289Kb / 14P
Quad Digital Potentiometer
logo
Zarlink Semiconductor I...
MT90826 ZARLINK-MT90826 Datasheet
571Kb / 46P
Quad Digital Switch
logo
Texas Instruments
ISO7240 TI-ISO7240 Datasheet
755Kb / 23P
QUAD DIGITAL ISOLATORS
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP_07 Datasheet
283Kb / 13P
CMOS Digital Integrated Circuit Silicon Monolithic Quad Bilateral Switch
logo
Micrel Semiconductor
MIC2537 MICREL-MIC2537_11 Datasheet
86Kb / 12P
Quad Power Distribution Switch Quad Power Distribution Switch
logo
Copal Electronics
DP7241 COPAL-DP7241 Datasheet
174Kb / 16P
Quad Digital Potentiometer
DP7251 COPAL-DP7251 Datasheet
168Kb / 15P
Quad Digital Potentiometer
DP7401 COPAL-DP7401 Datasheet
164Kb / 15P
Quad Digital Potentiometers
logo
ON Semiconductor
MC14016B ONSEMI-MC14016B_14 Datasheet
143Kb / 10P
Quad Analog Switch/ Quad Multiplexer
July, 2014 ??Rev. 11
logo
Maxim Integrated Produc...
DS1844 MAXIM-DS1844 Datasheet
265Kb / 14P
Quad Digital Potentiometer
053105
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com