Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDSP1601A Datasheet (PDF) - Mitel Networks Corporation

PDSP1601A Datasheet PDF - Mitel Networks Corporation
Part # PDSP1601A
Download  PDSP1601A Download
File Size   137.33 Kbytes
Page   17 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description ALU and Barrel Shifter

PDSP1601A Datasheet (PDF)

Go To PDF Page Download Datasheet
PDSP1601A Datasheet PDF - Mitel Networks Corporation

Part # PDSP1601A
Download  PDSP1601A Click to download

File Size   137.33 Kbytes
Page   17 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description ALU and Barrel Shifter

PDSP1601A Datasheet (HTML) - Mitel Networks Corporation


PDSP1601A Product details

The PDSP1601 is a high performance 16-bit arithmetic logic unit with an independent on-chip 16-bit barrel shifter. The PDSP1601A has two operating modes giving 20MHz or 10MHz register-to-register transfer rates.
The PDSP1601 supports Multicycle multiprecision operation. This allows a single device to operate at 20MHz for 16-bit fields, 10MHz for 32-bit fields and 5MHz for 64-bit fields. The PDSP1601 can also be cascaded to produce wider words at the 20MHz rate using the Carry Out and Carry In pins. The Barrel Shifter is also capable of extension, for example the PDSP1601 can used to select a 16-bit field from a 32-bit input in 100ns.

FEATURES
■ 16-bit, 32 instruction 20MHz ALU
■ 16-bit, 20MHz Logical, Arithmetic or Barrel Shifter
■ Independent ALU and Shifter Operation
■ 4 x 16-bit On Chip Scratchpad Registers
■ Multiprecision Operation; e.g. 200ns 64-bit Accumulate
■ Three Port Structure with Three Internal Feedback Paths Eliminates I/O Bottlenecks
■ Block Floating Point Support
■ 300mW Maximum Power Dissipation
■ 84-pin Pin Grid Array or 84 Contact LCC Packages or 100 pin Ceramic Quad Flat Pack

APPLICATIONS
■ Digital Signal Processing
■ Array Processing
■ Graphics
■ Database Addressing
■ High Speed Arithmetic Processors




Similar Part No. - PDSP1601A

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
PDSP1601A ZARLINK-PDSP1601A Datasheet
121Kb / 16P
ALU and Barrel Shifter
PDSP1601A ZARLINK-PDSP1601A Datasheet
149Kb / 18P
16 by 16 Bit Complex Multiplier
logo
Mitel Networks Corporat...
PDSP1601A MITEL-PDSP1601A Datasheet
171Kb / 18P
ALU and Barrel Shifter
logo
Zarlink Semiconductor I...
PDSP1601ABOAC ZARLINK-PDSP1601ABOAC Datasheet
121Kb / 16P
ALU and Barrel Shifter
More results


Similar Description - PDSP1601A

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LSH32 LODEV-LSH32 Datasheet
202Kb / 9P
32-bit Cascadable Barrel Shifter
LSH33 LODEV-LSH33 Datasheet
218Kb / 8P
32-bit Barrel Shifter with Registers
logo
Mitel Networks Corporat...
PDSP1601MC MITEL-PDSP1601MC Datasheet
142Kb / 18P
ALU and Barrel Shifter
logo
Zarlink Semiconductor I...
PDSP1601 ZARLINK-PDSP1601_98 Datasheet
121Kb / 16P
ALU and Barrel Shifter
PDSP1601MC ZARLINK-PDSP1601MC Datasheet
111Kb / 16P
ALU and Barrel Shifter
logo
Maxim Integrated Produc...
MAX13036 MAXIM-MAX13036 Datasheet
309Kb / 18P
Automotive Contact Monitor and Level Shifter
Rev 0; 4/07
logo
Mitel Networks Corporat...
PDSP1601 MITEL-PDSP1601_96 Datasheet
171Kb / 18P
ALU and Barrel Shifter
logo
HAMLIN Position and Mov...
59065-1-S-01-A HAMLIN-59065-1-S-01-A Datasheet
90Kb / 1P
Threaded Barrel Features and Benefits
logo
NXP Semiconductors
PTN3300B NXP-PTN3300B Datasheet
133Kb / 23P
DVI and HDMI level shifter
Rev. 01-8 July 2008
logo
Maxim Integrated Produc...
MAX13036 MAXIM-MAX13036_V01 Datasheet
1Mb / 17P
Contact Monitor and Level Shifter
19-0808; Rev 1; 2/15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com