Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDSP1601A Datasheet(PDF) 7 Page - Mitel Networks Corporation

Part # PDSP1601A
Description  ALU and Barrel Shifter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP1601A Datasheet(HTML) 7 Page - Mitel Networks Corporation

Back Button PDSP1601A Datasheet HTML 3Page - Mitel Networks Corporation PDSP1601A Datasheet HTML 4Page - Mitel Networks Corporation PDSP1601A Datasheet HTML 5Page - Mitel Networks Corporation PDSP1601A Datasheet HTML 6Page - Mitel Networks Corporation PDSP1601A Datasheet HTML 7Page - Mitel Networks Corporation PDSP1601A Datasheet HTML 8Page - Mitel Networks Corporation PDSP1601A Datasheet HTML 9Page - Mitel Networks Corporation PDSP1601A Datasheet HTML 10Page - Mitel Networks Corporation PDSP1601A Datasheet HTML 11Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
PDSP1601/PDSP1601A
7
SV3
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
SV2
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
SV1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
SV0
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Shift
No shift
1 place
2 places
3 places
4 places
5 places
6 places
7 places
8 places
9 places
10 places
11 places
12 places
13 places
14 places
15 places
(1)
Priority encode the 16 bit input to the Barrel Shifter and
place the 4 bit value in either of the R1 or R2 registers and
output the value on the SV port (if enabled by
SVOE).
(2)
Shift the 16 bit input by the amount indicated by the
Priority Encoder such that the output from the Barrel Shifter is
a normalised value.
SV Input
If the SV port is selected as the source of the shift value,
then the input to the Barrel Shifter is shifted by the value stored
in the internal SV register.
SVOE
SVOE
SVOE
SVOE
SVOE
The SV port acts as an input or an output depending upon
the IS0-3 instruction. If the user does not wish to use the
normalise instructions, then the SV port mat be forced to be
input only by typing
SVOE control high. In this mode the SV
port may be considered an extension of the instruction inputs.
R1 and R2 Registers
The R1 and R2 registers may be loaded from the Priority
Encoder (NRMR1 and NRMR2) or from the SV input (LR1SV,
LR2SV).
Whilst the latter two instructions are executing, the Barrel
Shifter will pass its input to the output unshifted.
Priority Encoder
If the priority encoder is selected as the source of the shift
value (instructions:- NRMXX, NRMR1, MRMRZ), then within
one 100ns cycle or two 50ns cycles for the PDSP1601A (one
200ns or two 100ns cycles for the PDSP1601), the shift
circuitry will:
Table 3 Barrel shifter codes
R1
MUX
R2
MUX
MUX
4
16
PRIORITY ENCODER
INSTRUCTION
DECODE
4
4
IS0-3
SV
SVOE
Fig.3 Shift control block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com