Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDSP1601A Datasheet(PDF) 13 Page - Mitel Networks Corporation

Part # PDSP1601A
Description  ALU and Barrel Shifter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP1601A Datasheet(HTML) 13 Page - Mitel Networks Corporation

Back Button PDSP1601A Datasheet HTML 9Page - Mitel Networks Corporation PDSP1601A Datasheet HTML 10Page - Mitel Networks Corporation PDSP1601A Datasheet HTML 11Page - Mitel Networks Corporation PDSP1601A Datasheet HTML 12Page - Mitel Networks Corporation PDSP1601A Datasheet HTML 13Page - Mitel Networks Corporation PDSP1601A Datasheet HTML 14Page - Mitel Networks Corporation PDSP1601A Datasheet HTML 15Page - Mitel Networks Corporation PDSP1601A Datasheet HTML 16Page - Mitel Networks Corporation PDSP1601A Datasheet HTML 17Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
PDSP1601/PDSP1601A
13
Barrel Shifter or ALU Register Instructions
Function
After the rising edge of CLK at the beginning of the cycle in which this instruction is
executed, the contents of the Right register will appear on the output. On the rising edge
of CLK at the end of the cycle, and the data on the register inputs will be loaded into the
Left Register.
After the rising edge of CLK at the beginning of the cycle in which this instruction is
executed, the contents of the Left register will appear on the output. On the rising edge
of CLK at the end of the cycle, the data on the register inputs will be loaded into the Right
Register.
After the rising edge of CLK at the beginning of the cycle in which this instruction is
executed, the contents of the Left register will appear on the output. On the rising edge
of CLK at the end of the cycle, the data on the register inputs will be loaded into the Left
Register.
After the rising edge of CLK at the beginning of the cycle in which this instruction is
executed, the contents of the Right register will appear on the output. On the rising edge
of CLK at the end of the cycle, the data on the register inputs will be loaded into the Right
Register.
After the rising edge of CLK at the beginning of the cycle in which this instruction is
executed, the contents of the Left register will appear on the output. On the rising edge
of CLK at the end of the cycle, and the data on the register inputs will be loaded into both
Left and Right Register.
After the rising edge of CLK at the beginning of the cycle in which this instruction is
executed, the contents of the Right register will appear on the output. On the rising edge
of CLK at the end of the cycle no load operation will occur, the register contents will remain
unchanged.
After the rising edge of CLK at the beginning of the cycle in which this instruction is
executed, the contents of the Left register will appear on the output. On the rising edge
of CLK at the end of the cycle no load operation will occur, the register contents will remain
unchanged.
After the rising edge of CLK at the beginning of the cycle in which this instruction is
executed, the input to the registers will appear on the output. On the rising edge
of CLK at the end of the cycle no load operation will occur, the register contents will remain
unchanged.
Op Code
<0>
<1>
<2>
<3>
<4>
<5>
<6>
<7>
Mnemonic
LLRRR
LRRLR
LLRLR
LRRRR
LBRLR
NOPRR
NOPLR
NOPPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com