Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5865AM Datasheet (PDF) - Nippon Precision Circuits Inc

SM5865AM Datasheet PDF - Nippon Precision Circuits Inc
Part # SM5865AM
Download  SM5865AM Download
File Size   130.06 Kbytes
Page   17 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description D/A Converter

SM5865AM Datasheet (PDF)

Go To PDF Page Download Datasheet
SM5865AM Datasheet PDF - Nippon Precision Circuits Inc

Part # SM5865AM
Download  SM5865AM Click to download

File Size   130.06 Kbytes
Page   17 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description D/A Converter

SM5865AM Datasheet (HTML) - Nippon Precision Circuits Inc


SM5865AM Product details

OVERVIEW
The SM5865AM is a 24-bit input D/A converter for high-quality digital audio equipment. It comprises newly developed DEM (dynamic element matching) circuits, 3rd-order Σ∆ noise shaper and 23-level quantizer to control wide-band residual quantization noise in the signal band, making it ideal for application with high-frequency sampling formats. Also, the order of the required final-stage analog lowpass filter can be reduced, compared to filters for available devices, enhancing output tone quality. The output stage employs complementary outputs for high-accuracy analog signals, with appropriate lowpass filtering of the output signal.

FEATURES
■ Single-channel D/A converter built-in
■ High performance
   (120 dB signal-to-noise ratio)
   (0.001% total harmonic distortion and noise)
   (110 dB dynamic range)
■ Σ∆ D/A converter
   • 3rd-order noise shaper
   • 23-level quantizer
■ Input data format
   • 20 or 24-bit word length
   • MSB first, right-justified format
   • 8 or 4 times oversampling at fs = 32/44.1/48/
   88.2/96/192 kHz
■ System clock frequency
   • 128/192/256/384/512/768 fs
■ Single 5 V operating supply voltage
■ 24-pin SSOP package
■ Molybdenum-gate CMOS process




Similar Part No. - SM5865AM

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5865BM NPC-SM5865BM Datasheet
158Kb / 17P
D/A Converter for Digital Audio
SM5865CM NPC-SM5865CM Datasheet
319Kb / 20P
D/A Converter for Digital Audio
More results


Similar Description - SM5865AM

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5874AM NPC-SM5874AM Datasheet
175Kb / 18P
D/A Converter
logo
Samsung semiconductor
KDA0316 SAMSUNG-KDA0316 Datasheet
400Kb / 10P
D/A CONVERTER
logo
Asahi Kasei Microsystem...
AKD4528 AKM-AKD4528_05 Datasheet
373Kb / 45P
24Bit A/D & D/A converter
AKD4556-B AKM-AKD4556-B Datasheet
746Kb / 45P
24Bit A/D & D/A converter.
AKD4620B-B AKM-AKD4620B-B_06 Datasheet
663Kb / 63P
24Bit A/D & D/A converter
logo
Texas Instruments
ADC10061 TI1-ADC10061 Datasheet
1Mb / 22P
A/D Converter
logo
Analog Devices
AD9051 AD-AD9051_17 Datasheet
686Kb / 12P
A/D Converter
Rev. C
AD9054A AD-AD9054A_17 Datasheet
362Kb / 21P
A/D Converter
Rev. D
AD9057 AD-AD9057_17 Datasheet
358Kb / 13P
A/D Converter
REV. D
AD9203 AD-AD9203_17 Datasheet
1Mb / 29P
A/D Converter
Rev. B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com