Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5865AM Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM5865AM
Description  D/A Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5865AM Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM5865AM Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SM5865AM
NIPPON PRECISION CIRCUITS—1
NIPPON PRECISION CIRCUITS INC.
D/A Converter
OVERVIEW
The SM5865AM is a 24-bit input D/A converter for
high-quality digital audio equipment. It comprises
newly developed DEM (dynamic element matching)
circuits, 3rd-order
Σ∆ noise shaper and 23-level
quantizer to control wide-band residual quantization
noise in the signal band, making it ideal for applica-
tion with high-frequency sampling formats. Also, the
order of the required final-stage analog lowpass filter
can be reduced, compared to filters for available
devices, enhancing output tone quality. The output
stage employs complementary outputs for high-accu-
racy analog signals, with appropriate lowpass filter-
ing of the output signal.
A single SM5865AM IC can be used in combination
with an 8-times oversampling digital filter for con-
version for a single audio channel.
FEATURES
s
Single-channel D/A converter built-in
s
High performance
(120 dB signal-to-noise ratio)
(0.001% total harmonic distortion and noise)
(110 dB dynamic range)
s
Σ∆ D/A converter
• 3rd-order noise shaper
• 23-level quantizer
s
Input data format
• 20 or 24-bit word length
• MSB first, right-justified format
• 8 or 4 times oversampling at fs = 32/44.1/48/
88.2/96/192 kHz
s
System clock frequency
• 128/192/256/384/512/768 fs
s
Single 5 V operating supply voltage
s
24-pin SSOP package
s
Molybdenum-gate CMOS process
ORDERING INFORMATION
PINOUT
(Top view)
PACKAGE DIMENSIONS
(Unit: mm)
24-pin SSOP
Device
Package
SM5865AM
24-pin SSOP
1
13
24
12
DVSS
DI
BCKI
WCKI
IWSL
RSTN
TSTN
AVSSA
RAP
IOUTA
IOUTAN
RAN
AVDDA
AVDDB
TO
RBP
DVDD
CKI
CKDVN
CVSS
IOUTB
IOUTBN
RBN
AVSSB
0.36 0.10
10.20 0.30
10.05 0.20
0.15
+ 0.1
− 0.05
010
0.50 0.20
0.8
0.12 M
0.10


Similar Part No. - SM5865AM

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5865BM NPC-SM5865BM Datasheet
158Kb / 17P
D/A Converter for Digital Audio
SM5865CM NPC-SM5865CM Datasheet
319Kb / 20P
D/A Converter for Digital Audio
More results

Similar Description - SM5865AM

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5874AM NPC-SM5874AM Datasheet
175Kb / 18P
D/A Converter
logo
Samsung semiconductor
KDA0316 SAMSUNG-KDA0316 Datasheet
400Kb / 10P
D/A CONVERTER
logo
Asahi Kasei Microsystem...
AKD4528 AKM-AKD4528_05 Datasheet
373Kb / 45P
24Bit A/D & D/A converter
AKD4556-B AKM-AKD4556-B Datasheet
746Kb / 45P
24Bit A/D & D/A converter.
AKD4620B-B AKM-AKD4620B-B_06 Datasheet
663Kb / 63P
24Bit A/D & D/A converter
logo
Texas Instruments
ADC10061 TI1-ADC10061 Datasheet
1Mb / 22P
A/D Converter
logo
Analog Devices
AD9051 AD-AD9051_17 Datasheet
686Kb / 12P
A/D Converter
Rev. C
AD9054A AD-AD9054A_17 Datasheet
362Kb / 21P
A/D Converter
Rev. D
AD9057 AD-AD9057_17 Datasheet
358Kb / 13P
A/D Converter
REV. D
AD9203 AD-AD9203_17 Datasheet
1Mb / 29P
A/D Converter
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com