Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDSP16488A0 Datasheet (PDF) - Mitel Networks Corporation

PDSP16488A0 Datasheet PDF - Mitel Networks Corporation
Part # PDSP16488A0
Download  PDSP16488A0 Download
File Size   412.58 Kbytes
Page   33 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description Single Chip 2D Convolver with Integral Line Delays

PDSP16488A0 Datasheet (PDF)

Go To PDF Page Download Datasheet
PDSP16488A0 Datasheet PDF - Mitel Networks Corporation

Part # PDSP16488A0
Download  PDSP16488A0 Click to download

File Size   412.58 Kbytes
Page   33 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description Single Chip 2D Convolver with Integral Line Delays

PDSP16488A0 Datasheet (HTML) - Mitel Networks Corporation


PDSP16488A0 Product details

The PDSP16488A is a fully integrated, application specific, image processing device. It performs a two dimensional convolution between the pixels within a video window and a set of stored coefficients. An internal multiplier accumulator array can be multi-cycled at double or quadruple the pixel clock rate. This then gives the window size options listed in Table 1.

FEATURES
■ The PDSP16488A is a replacement for the PDSP16488 (see Note below)
■ 8 or 16-bit Pixels with rates up to 40 MHz
■ Window Sizes up to 838 with a Single Device
■ Eight Internal Line Delays
■ Supports Interlace and Frame-to-Frame Operations
■ Coefficients Supplied from an EPROM or Remote Host
■ Expandable in both X and Y for Larger Windows
■ Gain Control and Pixel Output Manipulation
■ 84-pin PGA or 132-pin QFP Package Options




Similar Part No. - PDSP16488A0

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
PDSP16488A ZARLINK-PDSP16488A Datasheet
462Kb / 33P
Single Chip 2D Convolver with Integral Line Delays
logo
Mitel Networks Corporat...
PDSP16488A MITEL-PDSP16488A Datasheet
121Kb / 12P
I/Q Splitter/NCO
logo
Zarlink Semiconductor I...
PDSP16488AAC ZARLINK-PDSP16488AAC Datasheet
462Kb / 33P
Single Chip 2D Convolver with Integral Line Delays
PDSP16488AACBR ZARLINK-PDSP16488AACBR Datasheet
462Kb / 33P
Single Chip 2D Convolver with Integral Line Delays
PDSP16488AB0 ZARLINK-PDSP16488AB0 Datasheet
462Kb / 33P
Single Chip 2D Convolver with Integral Line Delays
More results


Similar Description - PDSP16488A0

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP48908 INTERSIL-HSP48908 Datasheet
110Kb / 18P
Two Dimensional Convolver
1999 05
logo
LOGIC Devices Incorpora...
LF48908 LODEV-LF48908 Datasheet
315Kb / 16P
Two Dimensional Convolver
logo
Mitel Networks Corporat...
PDSP16488AMA MITEL-PDSP16488AMA Datasheet
237Kb / 30P
Single Chip 2D Convolver with Integral Line Delays
logo
Intersil Corporation
HSP48908883 INTERSIL-HSP48908883 Datasheet
62Kb / 7P
Two Dimensional Convolver
December 1999
logo
List of Unclassifed Man...
745-0007 ETC1-745-0007 Datasheet
280Kb / 3P
HEXADECIMAL DISPLAY WITH INTEGRAL TTL MSI CIRCUIT CHIP
logo
Zarlink Semiconductor I...
PDSP16488A ZARLINK-PDSP16488A Datasheet
462Kb / 33P
Single Chip 2D Convolver with Integral Line Delays
PDSP16488AMA ZARLINK-PDSP16488AMA Datasheet
292Kb / 30P
Single Chip 2D Convolver with Integral Line Delays
logo
Rhombus Industries Inc.
SL4 RHOMBUS-IND-SL4 Datasheet
19Kb / 1P
SL4 Series Single-In-Line Passive Single Output 50 W Impedance Delays
01/09/98
logo
SICK AG
I2D-301C SICK-I2D-301C Datasheet
422Kb / 7P
2D VISION
I2D-301M SICK-I2D-301M Datasheet
423Kb / 7P
2D VISION
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com