Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDSP16515A Datasheet (PDF) - Mitel Networks Corporation

PDSP16515A Datasheet PDF - Mitel Networks Corporation
Part # PDSP16515A
Download  PDSP16515A Download
File Size   289.46 Kbytes
Page   27 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description Stand Alone FFT Processor

PDSP16515A Datasheet (PDF)

Go To PDF Page Download Datasheet
PDSP16515A Datasheet PDF - Mitel Networks Corporation

Part # PDSP16515A
Download  PDSP16515A Click to download

File Size   289.46 Kbytes
Page   27 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description Stand Alone FFT Processor

PDSP16515A Datasheet (HTML) - Mitel Networks Corporation


PDSP16515A Product details

The PDSP16515A performs Forward or Inverse Fast Fourier Transforms on complex or real data sets containing up to 1024 points. Data and coefficient input are both represented by 16 bits. Data is expanded internally to 18 bits and subject to Block Floating Point arithmetic to preserve a greater dynamic range. An internal RAM is provided which can hold up to 1024 complex data points. This removes the memory transfer bottleneck, inherent in building block solutions. Its organisation allows the PDSP16515A to
simultaneously input new data, transform data stored in the RAM, and to output previous results. No external buffering is needed for transforms containing up to 256 points, and the PDSP16515A can be directly connected to an A/D converter to perform continuous transforms. The user can choose to overlap data blocks by either 0%, 50%, or 75%. Inputs and outputs are synchronous to the 45MHz system clock used for internal operations.

Features
● Completely self contained FFT Processor
● Pin and functionally compatible with the PDSP16510A
● Expanded width internal RAM supports up to 1024 complex points
● 18 bit internal data bus with block floating point
   arithmetic for increased dynamic range
● 500 MIP operation gives 87 microsecond
   transformation times for 1024 points
● Up to 45MHz sampling rates with multiple devices.
● Up to 85dB noise rejection
● A choice of internal window operators with no
   external ROM provide up to 67dB side lobe
   attenuation.
● 84 pin PGA or 132 pin surface mount package




Similar Part No. - PDSP16515A

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
PDSP16515A ZARLINK-PDSP16515A Datasheet
173Kb / 25P
Stand Alone FFT Processor
PDSP16515AA0AC ZARLINK-PDSP16515AA0AC Datasheet
173Kb / 25P
Stand Alone FFT Processor
PDSP16515AA0GC ZARLINK-PDSP16515AA0GC Datasheet
173Kb / 25P
Stand Alone FFT Processor
PDSP16515AB0AC ZARLINK-PDSP16515AB0AC Datasheet
173Kb / 25P
Stand Alone FFT Processor
PDSP16515AB0GC ZARLINK-PDSP16515AB0GC Datasheet
173Kb / 25P
Stand Alone FFT Processor
More results


Similar Description - PDSP16515A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8514 PHILIPS-PCA8514 Datasheet
322Kb / 64P
Stand-alone OSD
1995 Nov 27
PCA8516 PHILIPS-PCA8516 Datasheet
403Kb / 64P
Stand-alone OSD
1995 Mar 30
logo
Mitel Networks Corporat...
PDSP16510A MITEL-PDSP16510A Datasheet
271Kb / 25P
Stand Alone FFT Processor
PDSP16510AMA MITEL-PDSP16510AMA Datasheet
94Kb / 23P
Stand Alone FFT Processor
logo
Samsung semiconductor
S5D2510 SAMSUNG-S5D2510 Datasheet
267Kb / 32P
stand-alone OSD Processor
logo
Altera Corporation
EPS448 ALTERA-EPS448 Datasheet
1Mb / 17P
STAND-ALONE MICROSEQUENCER
logo
Zarlink Semiconductor I...
PDSP16510A ZARLINK-PDSP16510A Datasheet
181Kb / 23P
Stand Alone FFT Processor
PDSP16510AMA ZARLINK-PDSP16510AMA Datasheet
190Kb / 24P
Stand Alone FFT Processor
PDSP16515A ZARLINK-PDSP16515A Datasheet
173Kb / 25P
Stand Alone FFT Processor
logo
VTI technologies
SCA121T VTI-SCA121T Datasheet
186Kb / 2P
Stand Alone Inclinometer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com