Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4745AP Datasheet (PDF) - CHENG-YI ELECTRONIC CO., LTD.

1N4745AP Datasheet PDF - CHENG-YI ELECTRONIC CO., LTD.
Part # 1N4745AP
Download  1N4745AP Download
File Size   490.16 Kbytes
Page   3 Pages
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.
Description 1W GLASS PASSIVATED CHIP & PLASTIC CASE ZENER DIODE

1N4745AP Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4745AP Datasheet PDF - CHENG-YI ELECTRONIC CO., LTD.

Part # 1N4745AP
Download  1N4745AP Click to download

File Size   490.16 Kbytes
Page   3 Pages
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.
Description 1W GLASS PASSIVATED CHIP & PLASTIC CASE ZENER DIODE

1N4745AP Datasheet (HTML) - CHENG-YI ELECTRONIC CO., LTD.


1N4745AP Product details

FEATURES
* Glass passivated chip
* Low leakage
* Built-in strain relief
* Low inductance
* High peak reverse power dissipation
* For use in stabilizing and clipping circuits with high power rating




Similar Part No. - 1N4745AP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4745AP MICROSEMI-1N4745AP Datasheet
175Kb / 3P
Silicon 1 Watt Zener Diodes
logo
Micro Commercial Compon...
1N4745AP MCC-1N4745AP Datasheet
542Kb / 4P
1.0 Watt Zener Diode 6.8 to 100 Volts
More results


Similar Description - 1N4745AP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZY6V2GP ETC-ZY6V2GP Datasheet
65Kb / 4P
2 W Glass Passivated Zener Diode
1N4728A ETC-1N4728A Datasheet
190Kb / 2P
1W ZENER DIODE
logo
Jinan Gude Electronic D...
1N4728A JGD-1N4728A Datasheet
190Kb / 2P
1W ZENER DIODE
logo
Taiwan Semiconductor Co...
1N4741A TSC-1N4741A Datasheet
86Kb / 5P
Glass Passivated Junction Silicon Zener Diode
logo
Pan Jit International I...
1N4728A PANJIT-1N4728A_04 Datasheet
360Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1N4740A TSC-1N4740A Datasheet
5Mb / 5P
Glass Passivated Junction Silicon Zener Diode
logo
Shenzhen Taychipst Elec...
ZY6V2GP TAYCHIPST-ZY6V2GP Datasheet
7Mb / 2P
Glass Passivated Zener Diode
logo
Taiwan Semiconductor Co...
1N4740A TSC-1N4740A_15 Datasheet
217Kb / 7P
1W, 10V - 200V Glass Passivated Junction Silicon Zener Diodes
logo
CHENG-YI ELECTRONIC CO....
SMA4728A CHENG-YI-SMA4728A Datasheet
352Kb / 3P
1W GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
DIYI Electronic Technol...
1SMA4728A DYELEC-1SMA4728A Datasheet
107Kb / 1P
ZENER DIODE 1W
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com