Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8910 Datasheet (PDF) - Mitel Networks Corporation

SP8910 Datasheet PDF - Mitel Networks Corporation
Part # SP8910
Download  SP8910 Download
File Size   96.02 Kbytes
Page   6 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description 5GHZ 첨10 Fixed Modulus Divider

SP8910 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP8910 Datasheet PDF - Mitel Networks Corporation

Part # SP8910
Download  SP8910 Click to download

File Size   96.02 Kbytes
Page   6 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description 5GHZ 첨10 Fixed Modulus Divider

SP8910 Datasheet (HTML) - Mitel Networks Corporation


SP8910 Product details

The SP8910 is one of a range of very high speed low power prescalers for professional applications. The dividing elements are static D type flip flops and therefore allow operation down to DC if the drive signal is a pulse waveform with fast risetime. The output stage has internal100 ohm pull up resistors, giving a 0·5V p-p output. If required, an external 100 ohm can be connected in parallel to give a 50 ohm output.



Features

• Very High Operating Speed

• Operation down to DC with Square Wave Input

• Silicon Technology for Low Phase Noise

(Typically better than 2140dBc/Hz at 1KHz)

• 5V Single Supply Operation

• Low Power Dissipation: 340mW (Typ.)

• Surface Mount Plastic Package




Similar Part No. - SP8910

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8916 MITEL-SP8916 Datasheet
96Kb / 6P
5GHZ 첨16 Fixed Modulus Divider
logo
Zarlink Semiconductor I...
SP8916 ZARLINK-SP8916 Datasheet
553Kb / 7P
5GHZ 첨 16 Fixed Modulus Divider
SP8916/KG/MP1S ZARLINK-SP8916/KG/MP1S Datasheet
553Kb / 7P
5GHZ 첨 16 Fixed Modulus Divider
SP8916/KG/MP1T ZARLINK-SP8916/KG/MP1T Datasheet
553Kb / 7P
5GHZ 첨 16 Fixed Modulus Divider
logo
Mitel Networks Corporat...
SP8916KG MITEL-SP8916KG Datasheet
96Kb / 6P
5GHZ 첨16 Fixed Modulus Divider
More results


Similar Description - SP8910

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8802 MITEL-SP8802 Datasheet
93Kb / 5P
3.3GHz 첨 2 fixed Modulus Divider
SP8902 MITEL-SP8902 Datasheet
95Kb / 6P
5GHZ 첨2 Fixed Modulus Divider
SP8904 MITEL-SP8904 Datasheet
95Kb / 6P
5GHZ 첨 4 Fixed Modulus Divider
SP8908 MITEL-SP8908 Datasheet
94Kb / 6P
5GHZ 48 Fixed Modulus Divider
SP8916 MITEL-SP8916 Datasheet
96Kb / 6P
5GHZ 첨16 Fixed Modulus Divider
logo
Zarlink Semiconductor I...
SP8804 ZARLINK-SP8804 Datasheet
558Kb / 6P
3.3GHZ 첨 4 Fixed Modulus Divider
SP8808 ZARLINK-SP8808 Datasheet
441Kb / 5P
3.3GHz 첨 Fixed Modulus Divider
SP8902 ZARLINK-SP8902 Datasheet
249Kb / 7P
5GHZ/ 2 Fixed Modulus Divider
SP8908 ZARLINK-SP8908 Datasheet
408Kb / 6P
5GHZ 첨 8 Fixed Modulus Divider
SP8916 ZARLINK-SP8916 Datasheet
553Kb / 7P
5GHZ 첨 16 Fixed Modulus Divider
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com