Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8910 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # SP8910
Description  5GHZ 첨10 Fixed Modulus Divider
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP8910 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  SP8910 Datasheet HTML 1Page - Mitel Networks Corporation SP8910 Datasheet HTML 2Page - Mitel Networks Corporation SP8910 Datasheet HTML 3Page - Mitel Networks Corporation SP8910 Datasheet HTML 4Page - Mitel Networks Corporation SP8910 Datasheet HTML 5Page - Mitel Networks Corporation SP8910 Datasheet HTML 6Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
SP8910
1
2
3
4
8
7
6
5
OUTPUT VCC
OUTPUT
OUTPUT
GND
VCC
INPUT
INPUT
GND
MP8
Figure 2 Pin connections - top view
Electrical Characteristics
These characteristics are guaranteed by either production test or design over the following range of operating conditions
unless otherwise stated: TAMB = 240
°C to 185°C, VCC = 4·75V to 5·25V
-
1·0
1·0
-
-
440
700
-
218·0
Characteristic
RMS sinewave
RMS sinewave, TCASE = 255
°C to 185°C
fIN = 1GHz and 4.2GHz
fIN = 5GHz
fIN = 1GHz and 3GHz
fIN = 5.0GHz and 3.8GHz
Into 100
Ω pullup resistor
fIN = 1GHz and 5GHz (see note 1 )
92
5·0
5·5
180
570
-
-
-
24·0
Conditions
Pin
1, 8
2, 3
2, 3
2, 3
2, 3
2, 3
2, 3
6, 7
6, 7
Supply current
Input frequency
Input frequency
Input sensitivity
Input sensitivity
Input overload
Input overload
Output voltage
Output power
Typ.
Max.
Min.
Value
Units
mA
GHz
GHz
mVrms
mVrms
mVrms
mVrms
Vp-p
dBm
68
-
-
-
-
-
0·25
29·0
SP8910
NOTE
1. Measured into 50
Ω measuring instrument in parallel with 100Ω pullup resistor. See Figure 5.
800
600
400
200
12
3
4
56
7
FREQUENCY (GHz)
OPERATING WINDOW
TESTED AS PER
TABLE OF
ELECTRICAL
CHARACTERISTICS
Figure3 Typical input sensitiviy (sinewave drive)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com