Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G2620 Datasheet (PDF) - Global Mixed-mode Technology Inc

G2620 Datasheet PDF - Global Mixed-mode Technology Inc
Part # G2620
Download  G2620 Download
File Size   140.6 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description High Efficiency, Constant Current 36V, 1A LED Driver with Internal Switch

G2620 Datasheet (PDF)

Go To PDF Page Download Datasheet
G2620 Datasheet PDF - Global Mixed-mode Technology Inc

Part # G2620
Download  G2620 Click to download

File Size   140.6 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description High Efficiency, Constant Current 36V, 1A LED Driver with Internal Switch

G2620 Datasheet (HTML) - Global Mixed-mode Technology Inc




Similar Part No. - G2620

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G2621 GMT-G2621 Datasheet
95Kb / 1P
High Efficiency, Constant Current 40V White-LEDs Driver
More results


Similar Description - G2620

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD1362 ZETEX-ZXLD1362 Datasheet
866Kb / 32P
1A LED driver with internal switch
logo
Power Analog Micoelectr...
PAM2804 PAM-PAM2804 Datasheet
213Kb / 11P
1A Step-Down Constant Current, High Efficiency LED Driver
logo
Global Mixed-mode Techn...
G2610 GMT-G2610 Datasheet
140Kb / 1P
High Efficiency, Constant Current 36V, 1A LED Driver with Internal Switch
G2605 GMT-G2605 Datasheet
80Kb / 1P
High Efficiency, Constant Current 36V LED driver
logo
Diodes Incorporated
PAM2861 DIODES-PAM2861 Datasheet
346Kb / 12P
1A LED DRIVER WITH INTERNAL SWITCH
Rev 1
logo
Tontek Design Technolog...
TTP932 TONTEK-TTP932 Datasheet
911Kb / 21P
1A LED Driver with internal switch
logo
Diodes Incorporated
PAM2804 DIODES-PAM2804 Datasheet
461Kb / 10P
1A STEP-DOWN CONSTANT CURRENT, HIGH EFFICIENCY LED DRIVER
Rev 3
logo
Feeling Technology Corp...
FP7152 FEELING-FP7152 Datasheet
338Kb / 14P
1A LED Driver with Internal Switch
logo
Maxic Technology Corpor...
MT7201C MAXIC-MT7201C Datasheet
81Kb / 1P
1A LED driver with internal switch
logo
SHOUDING Shouding Semic...
SD3314A SHOUDING-SD3314A Datasheet
441Kb / 8P
HIGH EFFICIENCY 1A STEP-DOWN CONSTANT CURRENT LED DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com