Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP720ABT Datasheet (PDF) - Harris Corporation

SP720ABT Datasheet PDF - Harris Corporation
Part # SP720ABT
Download  SP720ABT Download
File Size   206.0 Kbytes
Page   6 Pages
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation
Description Electronic Protection Array for ESD and Over-Voltage Protection

SP720ABT Datasheet (PDF)

Go To PDF Page Download Datasheet
SP720ABT Datasheet PDF - Harris Corporation

Part # SP720ABT
Download  SP720ABT Click to download

File Size   206.0 Kbytes
Page   6 Pages
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation
Description Electronic Protection Array for ESD and Over-Voltage Protection

SP720ABT Datasheet (HTML) - Harris Corporation


SP720ABT Product details

The SP720 is an array of SCR/Diode bipolar structures for ESD and over-voltage protection to sensitive input circuits. The SP720 has 2 protection SCR/Diode device structures per input. A total of 14 available inputs can be used to protect up to 14 external signal or bus lines.

Features
• ESD Interface Capability for HBM Standards
- MIL STD 3015.7 . . . . . . . . . . . . . . . . . . . . . . . . . . .15kV
- IEC 1000-4-2, Direct Discharge,
Single Input. . . . . . . . . . . . . . . . . . . . . . . .  4kV (Level 2)
Two Inputs in Parallel . . . . . . . . . . . . . . . .  8kV (Level 4)
- IEC 1000-4-2, Air Discharge. . . . . . . . . .  15kV (Level 4)
• High Peak Current Capability
- IEC 1000-4-5 (8/20µs) . . . . . . . . . . . . . . . . . . . . . . ±3A
- Single Pulse, 100µs Pulse Width . . . . . . . . . . . . . . ±2A
- Single Pulse, 4µs Pulse Width . . . . . . . . . . . . . . . . ±5A
• Designed to Provide Over-Voltage Protection
- Single-Ended Voltage Range to . . . . . . . . . . . . . . .+30V
- Differential Voltage Range to . . . . . . . . . . . . . . . . ±15V
• Fast Switching . . . . . . . . . . . . . . . . . . . . . . .  2ns Risetime
• Low Input Leakages . . . . . . . . . . . . . . .  1nA at 25°C (Typ)
• Low Input Capacitance. . . . . . . . . . . . . . . . . . . . 3pF (Typ)
• An Array of 14 SCR/Diode Pairs
• Operating Temperature Range . . . . . . . . .  -40°C to 105°C




Similar Part No. - SP720ABT

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP720ABT LITTELFUSE-SP720ABT Datasheet
102Kb / 6P
TVS Diode Arrays - Elctronic Protection Array for ESD and Overvoltage Protection
SP720ABT LITTELFUSE-SP720ABT Datasheet
169Kb / 6P
TVS Diode Arrays
SP720ABTG LITTELFUSE-SP720ABTG Datasheet
405Kb / 6P
SP720 Series 3pF 4kV Rail Clamp Array
More results


Similar Description - SP720ABT

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
SP721 HARRIS-SP721 Datasheet
176Kb / 6P
ELECTRONIC PROTECTION ARRAY FOR ESD AND OVER-VOLTAGE PROTECTION
logo
Littelfuse
SP723AB LITTELFUSE-SP723AB Datasheet
255Kb / 6P
TVS Diode Arrays - Electronic Protection Array for ESD and Overvoltage Protection
logo
Solid States Devices, I...
SM720MD SSDI-SM720MD Datasheet
815Kb / 4P
70 mA, 35 VOLTS HIGH RELIABILITY ELECTRONIC PROTECTION ARRAY for ESD and OVERVOLTAGE PROTECTION
logo
Littelfuse
SP721 LITTELFUSE-SP721 Datasheet
97Kb / 6P
Electronic Protection Array for ESD and Overvoltage Protection
logo
Socay Electornics Co., ...
SR05-4A SOCAY-SR05-4A Datasheet
323Kb / 7P
Transient Voltage Suppressors Array for ESD Protection
SLVU2.8 SOCAY-SLVU2.8 Datasheet
143Kb / 3P
Transient Voltage Suppressors Array for ESD Protection
ESD24V08S-6L SOCAY-ESD24V08S-6L Datasheet
181Kb / 3P
Transient Voltage Suppressors Array for ESD Protection
ESD15V08S-4L SOCAY-ESD15V08S-4L Datasheet
263Kb / 3P
Transient Voltage Suppressors Array for ESD Protection
logo
Unisonic Technologies
USP720 UTC-USP720 Datasheet
133Kb / 5P
ELECTRONIC PROTECTION ARRAY FOR ESD
logo
AiT Semiconductor Inc.
GSOT04C AITSEMI-GSOT04C Datasheet
551Kb / 8P
ESD PROTECTION DUAL TRANSIENT VOLTAGE SUPPRESSORS ARRAY FOR ESD PROTECTION
REV1.2
More results




About Harris Corporation


Harris Corporation was a Florida-based technology company that specialized in communications and information technology. The company was founded in 1895 and went through several iterations over the years, including mergers and acquisitions.

In 2019, Harris Corporation merged with L3 Technologies to form L3Harris Technologies, which is now one of the largest defense companies in the world. The company provides a wide range of products and services in the areas of aerospace, defense, communications, and intelligence.

Some of Harris Corporation's previous areas of focus included tactical radios, satellite communications systems, air traffic control systems, and cybersecurity solutions. The company's customers included the U.S. military, government agencies, and commercial organizations around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com