Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5902 Datasheet (PDF) - Nippon Precision Circuits Inc

SM5902 Datasheet PDF - Nippon Precision Circuits Inc
Part # SM5902
Download  SM5902 Download
File Size   312.0 Kbytes
Page   40 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description compression and non compression type shock-proof memory controller

SM5902 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM5902 Datasheet PDF - Nippon Precision Circuits Inc

Part # SM5902
Download  SM5902 Click to download

File Size   312.0 Kbytes
Page   40 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description compression and non compression type shock-proof memory controller

SM5902 Datasheet (HTML) - Nippon Precision Circuits Inc


SM5902 Product details

Overview
The SM5902 is a compression and non compression type shock-proof memory controller LSI for compact disc players. The compression level can be set in 4 levels, and external memory can be selected from 4 options (1M, 4M, 4M× 2, 16M). Digital attenuator, soft mute and related functions are also incorporated. It operates from a 2.4 to 5.5 V wide supply voltage range.

Features
- 2-channel processing
- Serial data input
     • 2s complement, 16-bit/MSB first, right-justified format
     • Wide capture function (up to 3 × speed input rate)
- System clock input
     • 384fs (16.9344 MHz)
- Shock-proof memory controller
     • ADPCM compression method
     • 4-level compression mode selectable
        4-bit compression mode 2.78 s/Mbit
        5-bit compression mode 2.22 s/Mbit
        6-bit compression mode 1.85 s/Mbit
        Full-bit non compression mode 0.74 s/Mbit
     • 4 external DRAM configurations selectable
        1 × 16M DRAM (4M × 4 bits, refresh cycle = 2048 cycle)
        1 × or 2 × 4M DRAM (1M × 4 bits)
        1 × 1M DRAM (256k × 4 bits)
     • DRAM at 5V operation is usable for Low-voltage operation
- Compression mode selectable
- Microcontroller interface
     • Serial command write and status read-out
     • Data residual detector: 15-bit operation, 16-bit output
     • Digital attenuator 8-bit setting
     • Soft attenuator function
        Noiseless attenuation-level switching (256- step switching in 23 ms max.)
     • Soft mute function
        Mute ON in 23 ms max.
        Direct return after soft mute release
     • Forced mute
- Extension I/O
    Microcontroller interface for external control using 5 extension I/O pins
- +2.4 to +5.5 V wide operating voltage range
- Schmitt inputs
    All input pins (including I/O pins) except CLK (system clock)
- Reset signal noise elimination
    Approximately 3.8 µs or longer (65 system clock pulses) continuous LOW-level reset
- Digital audio interface (DIT)
- 44-pin QFP package (0.8 mm pin pitch)




Similar Part No. - SM5902

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5901AF NPC-SM5901AF Datasheet
154Kb / 31P
compression and non compression type anti-shock memory controller with built-in 1M DRAM
logo
Silicon Mitus, Inc.
SM5903 SILICONMITUS-SM5903 Datasheet
198Kb / 2P
Wireless Power Transmitter/Receiver (TRx) Supporting Medium Power
July 2021 Rev. 0.0.3
logo
Nippon Precision Circui...
SM5903BF NPC-SM5903BF Datasheet
246Kb / 31P
compression and non compression type shock-proof memory controller
SM5903BF NPC-SM5903BF Datasheet
196Kb / 31P
compression and non compression type shock-proof memory controller
SM5903BF NPC-SM5903BF_00 Datasheet
196Kb / 31P
compression and non compression type shock-proof memory controller
More results


Similar Description - SM5902

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5859AF NPC-SM5859AF Datasheet
173Kb / 33P
compression and non compression type antishock memory controller
SM5901AF NPC-SM5901AF Datasheet
154Kb / 31P
compression and non compression type anti-shock memory controller with built-in 1M DRAM
SM5903BF NPC-SM5903BF Datasheet
246Kb / 31P
compression and non compression type shock-proof memory controller
SM5903CF NPC-SM5903CF Datasheet
176Kb / 31P
compression and non compression type anti-shock memory controller
SM5904BF NPC-SM5904BF Datasheet
266Kb / 35P
compression and non compression type shock-proof memory controller
SM5904CF NPC-SM5904CF Datasheet
267Kb / 35P
compression and non compression type
SM5905AF NPC-SM5905AF Datasheet
200Kb / 35P
compression and non compression type shock-proof memory controller
SM5906AF NPC-SM5906AF Datasheet
231Kb / 30P
Shock-proof Memory Controller for Video CD Players
SM5907AF NPC-SM5907AF Datasheet
231Kb / 30P
compression and non compression type shock-proof memory controller
SM5903BF NPC-SM5903BF_00 Datasheet
196Kb / 31P
compression and non compression type shock-proof memory controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com