Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K3816 Datasheet (PDF) - ON Semiconductor

K3816 Datasheet PDF - ON Semiconductor
Part # K3816
Download  K3816 Download
File Size   290.47 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 8-bit Withstand Voltage Microcontroller

K3816 Datasheet (PDF)

Go To PDF Page Download Datasheet
K3816 Datasheet PDF - ON Semiconductor

Part # K3816
Download  K3816 Click to download

File Size   290.47 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 8-bit Withstand Voltage Microcontroller

K3816 Datasheet (HTML) - ON Semiconductor


K3816 Product details

Features
• ON-resistance RDS(on)1=20mΩ(typ.)
• Input capacitance Ciss=1780pF(typ.)
• 4V drive




Similar Part No. - K3816

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
K3814 VBSEMI-K3814 Datasheet
977Kb / 7P
N-Channel 60 V (D-S) MOSFET
logo
CUI INC
K3815 CUI-K3815 Datasheet
34Kb / 1P
9615 SW Allen Blvd 103 Beaverton OR 97005
K3815 CUI-K3815 Datasheet
34Kb / 1P
9615SW Allen Blvd
More results


Similar Description - K3816

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CH41UG TOSHIBA-TMP88CH41UG Datasheet
1Mb / 186P
8 Bit Microcontroller
logo
ON Semiconductor
ENA0145 ONSEMI-ENA0145 Datasheet
408Kb / 34P
CMOS LSI 8-bit Withstand Voltage Microcontroller 128K-byte Flash ROM / 4096-byte RAM / 100pin
April, 2014 Ver. 1.70a
ENA1035 ONSEMI-ENA1035 Datasheet
178Kb / 25P
CMOS IC FROM 66K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
LA4282 ONSEMI-LA4282 Datasheet
167Kb / 7P
8-bit Withstand Voltage Microcontroller
July 2015- Rev. 0
ESD7102 ONSEMI-ESD7102 Datasheet
437Kb / 6P
ESD Protection Diodes
March, 2015 - Rev. P0
LA72912V ONSEMI-LA72912V Datasheet
192Kb / 8P
8-bit Withstand Voltage Microcontroller
July, 2013
CPH3145 ONSEMI-CPH3145 Datasheet
534Kb / 5P
8-bit Withstand Voltage Microcontroller
June 2015 - Rev. 2
2SK4124 ONSEMI-2SK4124 Datasheet
281Kb / 7P
N-Channel Power MOSFET 500V, 20A, 430mΩ, TO-3P-3L
July, 2013
2SK4125 ONSEMI-2SK4125 Datasheet
288Kb / 7P
N-Channel Power MOSFET 600V, 17A, 610mΩ, TO-3P-3L
July, 2013
WPB4002 ONSEMI-WPB4002 Datasheet
257Kb / 5P
8-bit Withstand Voltage Microcontroller
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com