Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G5383A Datasheet (PDF) - Global Mixed-mode Technology Inc

G5383A Datasheet PDF - Global Mixed-mode Technology Inc
Part # G5383A
Download  G5383A Download
File Size   92.1 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description High Efficiency 4A Synchronous Buck Converter

G5383A Datasheet (PDF)

Go To PDF Page Download Datasheet
G5383A Datasheet PDF - Global Mixed-mode Technology Inc

Part # G5383A
Download  G5383A Click to download

File Size   92.1 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description High Efficiency 4A Synchronous Buck Converter

G5383A Datasheet (HTML) - Global Mixed-mode Technology Inc




Similar Part No. - G5383A

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5383 GMT-G5383 Datasheet
92Kb / 1P
High Efficiency 8A Synchronous Buck Converter
More results


Similar Description - G5383A

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC22405 MICREL-MIC22405 Datasheet
1Mb / 30P
4A Integrated Switch High-Efficiency Synchronous Buck Regulator
logo
List of Unclassifed Man...
ZSPM4011 ETC2-ZSPM4011 Datasheet
1Mb / 22P
High Efficiency 1A Synchronous Buck Converter
ZSPM4012B ETC2-ZSPM4012B Datasheet
1Mb / 23P
High Efficiency 2A Synchronous Buck Converter
logo
Global Mixed-mode Techn...
G5333A GMT-G5333A Datasheet
169Kb / 1P
High Efficiency 4A Synchronous Buck Converter
G5333 GMT-G5333 Datasheet
156Kb / 1P
High Efficiency 8A Synchronous Buck Converter
logo
Integrated Device Techn...
ZSPM4012B IDT-ZSPM4012B Datasheet
658Kb / 21P
High Efficiency 2A Synchronous Buck Converter
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
Rev 2
logo
AiT Semiconductor Inc.
A7240 AITSEMI-A7240 Datasheet
463Kb / 9P
DC-DC CONVERTER/ BUCK (STEP-DOWN) 4A, 16V HIGH EFFICIENCY SYNCHRONOUS
REV2.0
logo
Renesas Technology Corp
ZSPM4012 RENESAS-ZSPM4012 Datasheet
694Kb / 21P
High Efficiency 2A Synchronous Buck Converter
April 15, 2016
ZSPM4012B RENESAS-ZSPM4012B Datasheet
832Kb / 22P
High Efficiency 2A Synchronous Buck Converter
January 27, 2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com