Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A358 Datasheet (PDF) - AUK corp

A358 Datasheet PDF - AUK corp
Part # A358
Download  A358 Download
File Size   199.61 Kbytes
Page   4 Pages
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp
Description Low Power Dual OP AMP

A358 Datasheet (PDF)

Go To PDF Page Download Datasheet
A358 Datasheet PDF - AUK corp

Part # A358
Download  A358 Click to download

File Size   199.61 Kbytes
Page   4 Pages
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp
Description Low Power Dual OP AMP

A358 Datasheet (HTML) - AUK corp


A358 Product details

Description

The A358 consists of two independent high gain Internally frequency compensated operational amplifiers designed to operate from a single power supply over a wide  range of voltage.



Features

• Input common mode voltage range includes ground

• Internally frequency compensated for unity gain

• Large DC voltage gain : 100dB

• Wide bandwidth for unity gain : 1 MHz

• Very low power consumption

• Wide supply voltage range : Single : 3V ~ 20V, Dual : ±1.5 ~ ±10V



Applications

•Transducer amplifier

• DC gain blocks

• Conventional operational amplifiers




Similar Part No. - A358

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
A358F FS-A358F Datasheet
291Kb / 4P
DUAL OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
A358S ETC1-A358S Datasheet
213Kb / 4P
Fast Asymmetric Thyristors
More results


Similar Description - A358

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC416 NSC-CLC416 Datasheet
167Kb / 6P
Dual Low-Power, 120MHz Op Amp
logo
Analog Devices
AD828 AD-AD828 Datasheet
256Kb / 12P
Dual, Low Power Video Op Amp
REV.B
logo
Micrel Semiconductor
MIC915 MICREL-MIC915 Datasheet
142Kb / 12P
Dual 135MHz Low-Power Op Amp
logo
AUK corp
S358 AUK-S358 Datasheet
212Kb / 4P
Low Power Dual OP AMP
S358P AUK-S358P Datasheet
217Kb / 3P
Low Power Dual OP AMP
S358 AUK-S358_1 Datasheet
212Kb / 4P
Low Power Dual OP AMP
S358P AUK-S358P_1 Datasheet
213Kb / 4P
Low Power Dual OP AMP
logo
Analog Devices
AD828 AD-AD828_02 Datasheet
448Kb / 12P
Dual, Low Power Video Op Amp
REV. C
logo
Suntac Electronic Corp.
STC358 SUNTAC-STC358 Datasheet
130Kb / 3P
Low Power Dual OP AMP
logo
Micrel Semiconductor
MIC915 MICREL-MIC915_14 Datasheet
2Mb / 14P
Dual 135MHz Low-Power Op Amp
More results




About AUK corp


AUK corp is a Taiwan-based semiconductor company that specializes in the design, development, and manufacturing of discrete semiconductor components, including diodes, transistors, and MOSFETs. The company was founded in 1991 and is headquartered in New Taipei City, Taiwan.

AUK's products are used in a wide range of applications, including automotive, communications, computing, and consumer electronics. The company's product portfolio includes a variety of diodes, such as switching, zener, and Schottky diodes, as well as MOSFETs and bipolar transistors.

AUK is committed to quality and reliability, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, AUK is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com