Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC74731W Datasheet (PDF) - ON Semiconductor

LC74731W Datasheet PDF - ON Semiconductor
Part # LC74731W
Download  LC74731W Download
File Size   339.1 Kbytes
Page   39 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description On-Screen Display Controller

LC74731W Datasheet (PDF)

Go To PDF Page Download Datasheet
LC74731W Datasheet PDF - ON Semiconductor

Part # LC74731W
Download  LC74731W Click to download

File Size   339.1 Kbytes
Page   39 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description On-Screen Display Controller

LC74731W Datasheet (HTML) - ON Semiconductor


LC74731W Product details

Overview
The LC74731W and LC74732W are on-screen display CMOS ICs that display characters and patterns on a TV screen under the control of a microcontroller. These ICs display 16 x 16-dot characters and up to 12 lines of text with 24 characters per line.

Features
• Text structure : 12 lines x 24 characters (Up to 288 characters)
• Character format : 16 x 16 dots Character display clock frequency : about 9 MHz
• Character sizes : Four sizes each in the horizontal and vertical directions with the size set in line units.
• Number of characters supported : LC74731W : 256 (internal) LC74732W : 512 (internal) Up to 8192 using an external ROM (for Japanese)
    [Reference] JIS X0298 (1990) : 6877 characters JIS level 1 kanji : 2965 characters JIS level 2 kanji : 3388 characters Special characters : 524 characters
• Display start positions : 128 positions each in the horizontal and vertical directions
• Blinking, reverse video, reversed blinking, and character outlining : May be specified in individual character units.
• Blinking types : Two types with periods of about 1.0 and about 0.5 seconds.
• Blanking : The whole font area (16 16 dots) can be blanked in line units (Four types : no blanking, character size blanking, character plus outlining size blanking, and whole area up to adjacent character blanking)
• Line spacing control : Zero to seven scan lines, in line units
• Character color : Eight colors in character units (in internal synchronization mode) : 2 fsc and 4 fsc (Black, red, green, yellow, blue, magenta, cyan, and white)
• Character background color : Eight colors (in internal synchronization mode) : 2 fsc and 4 fsc (Black, red, green, yellow, blue, magenta, cyan, and transparent)
• Screen background color : Eight colors (in internal synchronization mode) : 2 fsc and 4 fsc (Black, red, green, yellow, blue, magenta, cyan, and white)
• External control inputs : Serial interface with an 8-bit data size.
• Built-in sync separator circuit
• Video outputs : NTSC, PAL, PALM, PALN, NTSC 4.43, and PAL 60 composite video signal outputs
• Supports Y/C input




Similar Part No. - LC74731W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74731W SANYO-LC74731W Datasheet
157Kb / 38P
On-Screen Display Controller
LC74731W SANYO-LC74731W Datasheet
154Kb / 38P
On-Screen Display Controller
LC74731W SANYO-LC74731W_11 Datasheet
154Kb / 38P
On-Screen Display Controller
More results


Similar Description - LC74731W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74788 SANYO-LC74788 Datasheet
211Kb / 23P
On-Screen Display Controller
LC74789 SANYO-LC74789 Datasheet
211Kb / 23P
On-Screen Display Controller
logo
fujitsu semiconductor
MB90097 FUJITSU-MB90097 Datasheet
928Kb / 63P
ON-Screen Display Controller
MB90099 FUJITSU-MB90099 Datasheet
1Mb / 36P
On-Screen Display Controller
MB90050 FUJITSU-MB90050 Datasheet
743Kb / 41P
On-Screen Display Controller
logo
Sanyo Semicon Device
LC74735NW SANYO-LC74735NW Datasheet
295Kb / 52P
On-Screen Display Controller
logo
fujitsu semiconductor
MB90096 FUJITSU-MB90096 Datasheet
367Kb / 36P
On-screen Display Controller
MB90092 FUJITSU-MB90092_01 Datasheet
348Kb / 40P
ON-Screen Display Controller
logo
Sanyo Semicon Device
LC74731W SANYO-LC74731W_11 Datasheet
154Kb / 38P
On-Screen Display Controller
logo
ON Semiconductor
LC74736PT-E ONSEMI-LC74736PT-E Datasheet
420Kb / 106P
On-Screen Display Controller
July, 2013
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com