Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM6611 Datasheet (PDF) - Nippon Precision Circuits Inc

SM6611 Datasheet PDF - Nippon Precision Circuits Inc
Part # SM6611
Download  SM6611 Download
File Size   62.11 Kbytes
Page   4 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description Miniature High-Precision Temperature Switch IC

SM6611 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM6611 Datasheet PDF - Nippon Precision Circuits Inc

Part # SM6611
Download  SM6611 Click to download

File Size   62.11 Kbytes
Page   4 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description Miniature High-Precision Temperature Switch IC

SM6611 Datasheet (HTML) - Nippon Precision Circuits Inc


SM6611 Product details

OVERVIEW
The SM6611 series are temperature switch ICs that change state (invert) when the chip temperature exceeds a preset temperature. The switches are designed with temperature hysteresis to prevent unstable output when the temperature is in the vicinity of the preset temperature.
There are 6 output switching temperatures in the series, available in 2 output configurations, making the SM6611 series devices ideal for a wide range of applications.

FEATURES
■ 2.4 to 12.0V operating supply voltage
■ −20 to 100°C operating temperature range
■ ±3°C temperature accuracy
■ 45 to 95°C output switch temperatures in 10°C steps
■ 10°C temperature hysteresis
■ 30µA (typ) low current consumption
■ Output configuration
    • SM6611×AH open-drain active-LOW output
    • SM6611×BH CMOS active-HIGH output
■ 6-pin SOT23-6W package

APPLICATIONS
■ Motherboard overheating protection




Similar Part No. - SM6611

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6610 NPC-SM6610 Datasheet
106Kb / 7P
CMOS Monolithic Analog Output Temperature Sensor IC
SM6610AD NPC-SM6610AD Datasheet
84Kb / 6P
CMOS Monolithic Temperature Sensor IC
SM6610AH NPC-SM6610AH Datasheet
84Kb / 6P
CMOS Monolithic Temperature Sensor IC
SM6610AH NPC-SM6610AH Datasheet
106Kb / 7P
CMOS Monolithic Analog Output Temperature Sensor IC
SM6610BD NPC-SM6610BD Datasheet
84Kb / 6P
CMOS Monolithic Temperature Sensor IC
More results


Similar Description - SM6611

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
TSIC ZMD-TSIC Datasheet
261Kb / 2P
High Precision Temperature Sensor IC
logo
Seiko Instruments Inc
S-5841 SII-S-5841 Datasheet
588Kb / 25P
TEMPERATURE SWITCH IC
logo
Honeywell Solid State E...
914CE1-3 HONEYWELL-914CE1-3 Datasheet
42Kb / 1P
MINIATURE PRECISION LINIT SWITCH
logo
Seiko Instruments Inc
S5843A SII-S5843A Datasheet
478Kb / 21P
TEMPERATURE SWITCH IC (THERMOSTAT IC)
S-5840BAG-M5T1X SII-S-5840BAG-M5T1X Datasheet
896Kb / 15P
TEMPERATURE SWITCH IC
S-5841A55D-M5T1X SII-S-5841A55D-M5T1X Datasheet
1Mb / 26P
TEMPERATURE SWITCH IC
S-5843AC0DC-M5T1Y SII-S-5843AC0DC-M5T1Y Datasheet
1Mb / 21P
TEMPERATURE SWITCH IC
S-5844A50DB-M5T1U3 SII-S-5844A50DB-M5T1U3 Datasheet
1Mb / 28P
TEMPERATURE SWITCH IC
logo
Allegro MicroSystems
APS11200 ALLEGRO-APS11200 Datasheet
1Mb / 14P
High-Temperature Precision Hall-Effect Switch
logo
E+E Elektronik Ges.m.b....
EE08 EPLUSE-EE08 Datasheet
1Mb / 8P
High-Precision Miniature Humidity and Temperature Probe
10-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com