Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR05 Datasheet (PDF) - Diotech Company.

SR05 Datasheet PDF - Diotech Company.
Part # SR05
Download  SR05 Download
File Size   1086.51 Kbytes
Page   4 Pages
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.
Description LOW CAPACITANCE TVS ARRAY / ESD ARRAY

SR05 Datasheet (PDF)

Go To PDF Page Download Datasheet
SR05 Datasheet PDF - Diotech Company.

Part # SR05
Download  SR05 Click to download

File Size   1086.51 Kbytes
Page   4 Pages
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.
Description LOW CAPACITANCE TVS ARRAY / ESD ARRAY

SR05 Datasheet (HTML) - Diotech Company.


SR05 Product details

FEATURES
● ESD protection to
    IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
    IEC 61000-4-4 (EFT) 40A (5/50ns)
    IEC 61000-4-5 (Lightning) 24A (8/20µs)
● Array of surge rated diodes with internal TVS Diode
● Protects two I/O lines
● Low capacitance (<10pF) for high-speed interfaces
● Low clamping voltage
● Low operating voltage: 5.0V
● Solid-state silicon-avalanche technology

APPLICATIONS
● USB Power & Data Line Protection
● Ethernet 10BaseT
● I2C Bus Protection
● Video Line Protection
● T1/E1 secondary IC Side Protection
● Portable Electronics
● Microcontroller Input Protection
● WAN/LAN Equipment
● ISDN S/T Interface




Similar Part No. - SR05

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SR05 SEMTECH-SR05 Datasheet
121Kb / 9P
RailClamp Low Capacitance TVS Diode Array
SR05 SEMTECH-SR05 Datasheet
203Kb / 9P
RailClamp짰 Low Capacitance TVS Diode Array
logo
Shanghai Leiditech Elec...
SR05 LEIDITECH-SR05 Datasheet
238Kb / 3P
USB 2.0 power and data line
logo
FutureWafer Tech Co.,Lt...
SR05 FUTUREWAFER-SR05 Datasheet
882Kb / 5P
Low Capacitance ESD array
logo
Littelfuse
SR05 LITTELFUSE-SR05 Datasheet
812Kb / 4P
SR05 Series 5V 25A Diode Array
2017 Littelfuse, Inc.
More results


Similar Description - SR05

ManufacturerPart #DatasheetDescription
logo
Protek Devices
LCA05C PROTEC-LCA05C_07 Datasheet
84Kb / 5P
LOW CAPACITANCE TVS ARRAY
PLC03-3.3 PROTEC-PLC03-3.3 Datasheet
72Kb / 4P
LOW CAPACITANCE TVS ARRAY
RSB6.8G PROTEC-RSB6.8G Datasheet
59Kb / 4P
LOW CAPACITANCE TVS ARRAY
VSMF05LC PROTEC-VSMF05LC Datasheet
67Kb / 4P
LOW CAPACITANCE TVS ARRAY
logo
Diotech Company.
SD03 DIOTECH-SD03 Datasheet
917Kb / 3P
STANDARD CAPACITANCE TVS ARRAY / ESD ARRAY
SD03C DIOTECH-SD03C Datasheet
777Kb / 3P
STANDARD CAPACITANCE TVS ARRAY / ESD ARRAY
SM03 DIOTECH-SM03 Datasheet
931Kb / 4P
STANDARD CAPACITANCE TVS ARRAY / ESD ARRAY
SRV05-4 DIOTECH-SRV05-4 Datasheet
938Kb / 4P
LOW CAPACITANCE TVS ARRAY / ESD ARRAY
LC03CI DIOTECH-LC03CI Datasheet
931Kb / 4P
STANDARD CAPACITANCE TVS ARRAY / ESD ARRAY
logo
E-CMOS Corporation
ECSD5VD2510 E-CMOS-ECSD5VD2510 Datasheet
404Kb / 3P
Ultra Low Capacitance ESD TVS Array
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com