Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8143A Datasheet (PDF) - Nippon Precision Circuits Inc

SM8143A Datasheet PDF - Nippon Precision Circuits Inc
Part # SM8143A
Download  SM8143A Download
File Size   75.0 Kbytes
Page   6 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description EL Sheet Driver

SM8143A Datasheet (PDF)

Go To PDF Page Download Datasheet
SM8143A Datasheet PDF - Nippon Precision Circuits Inc

Part # SM8143A
Download  SM8143A Click to download

File Size   75.0 Kbytes
Page   6 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description EL Sheet Driver

SM8143A Datasheet (HTML) - Nippon Precision Circuits Inc


SM8143A Product details

OVERVIEW

The SM8143A is a transformer-less electroluminescent (EL) driver IC, capable of driving displays up to 80cm2 (SM8143AV) or 70cm2 (SM8143AD) in size. It is a high-efficiency driver that features revised coil switching transistor ON resistance and output circuit configuration to reduce loss. The EL drive frequency  and coil drive frequency can be controlled independently, making the driver circuit optimizable to match application requirements. A microcontroller interface pin (ENA) is provided, which can be used to control the EL driver ON/OFF function.



FEATURES

■ Dedicated EL driver

■ 1.6 to 5.5V supply voltage

■ Maximum operating current

• SM8143AV: 150mA max. (VDD = 3.0V, Ta ≤ 70°C)

• SM8143AD: 100mA max. (VDD = 3.0V, Ta ≤ 70°C)

■ 3.5Ω typical output resistance

■ 200Vp-p maximum EL driver voltage*

■ 31 to 1500Hz EL drive frequency range*

■ High voltage CMOS Process

■ Package: VSOP-16, SON-10

*: Adjustable with external resistance.



APPLICATIONS

■ Cellular phone

■ Mobile equipment

■ PDA




Similar Part No. - SM8143A

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8143A NPC-SM8143A Datasheet
115Kb / 8P
EL Driver
SM8143AD NPC-SM8143AD Datasheet
115Kb / 8P
EL Driver
SM8143AV NPC-SM8143AV Datasheet
115Kb / 8P
EL Driver
SM8143A NPC-SM8143A_06 Datasheet
115Kb / 8P
EL Driver
More results


Similar Description - SM8143A

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8140A NPC-SM8140A Datasheet
66Kb / 6P
EL Driver IC
SM8141 NPC-SM8141 Datasheet
81Kb / 8P
EL Sheet Driver
SM8142 NPC-SM8142 Datasheet
102Kb / 8P
EL Sheet Driver
SM8144B NPC-SM8144B Datasheet
69Kb / 6P
EL Sheet Driver
SM8145A NPC-SM8145A Datasheet
112Kb / 7P
Dual EL Driver
logo
Supertex, Inc
HV833DB1 SUTEX-HV833DB1 Datasheet
38Kb / 2P
EL Lamp Driver
HV857DB1 SUTEX-HV857DB1 Datasheet
437Kb / 2P
EL Lamp Driver
logo
TOKO, Inc
TK6592X TOKO-TK6592X Datasheet
199Kb / 20P
MEDIUM EL LAMP DRIVER
logo
Nippon Precision Circui...
SM8143A NPC-SM8143A_06 Datasheet
115Kb / 8P
EL Driver
SM8146AD1 NPC-SM8146AD1 Datasheet
304Kb / 19P
EL Driver IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com