Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M37532RSS Datasheet (PDF) - Mitsubishi Electric Semiconductor

M37532RSS Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M37532RSS
Download  M37532RSS Download
File Size   524.04 Kbytes
Page   50 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER

M37532RSS Datasheet (PDF)

Go To PDF Page Download Datasheet
M37532RSS Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M37532RSS
Download  M37532RSS Click to download

File Size   524.04 Kbytes
Page   50 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER

M37532RSS Datasheet (HTML) - Mitsubishi Electric Semiconductor


M37532RSS Product details

DESCRIPTION
The 7532 Group is the 8-bit microcomputer based on the 740 family core technology.
The 7532 Group has a USB, 8-bit timers, and an A-D converter, and is useful for an input device for personal computer peripherals.

FEATURES
• Basic machine-language instructions ....................................... 69
• The minimum instruction execution time .......................... 0.34 µs
             (at 6 MHz oscillation frequency for the shortest instruction)
• Memory size .................................................................................
                      ROM ............................................... 8K to 16K bytes
                      RAM ..............................................256 to 384 bytes
• Programmable I/O ports ...................................... 28 (36-pin type)
    ............................................................................ 24 (32-pin type)
• Interrupts .................................................... 13 sources, 8 vectors
• Timers ............................................................................ 8-bit ✕ 3
• Serial I/O1 ................................ used only for Low Speed in USB
                                                                                    (USB/UART)
• Serial I/O2 ...................................................................... 8-bit ✕ 1
                                                                       (Clock-synchronized)
• A-D converter ................................................ 10-bit ✕ 8 channels
• Clock generating circuit ............................................. Built-in type
   (connect to external ceramic resonator or quartz-crystal oscillator )
• Watchdog timer ............................................................ 16-bit ✕ 1
• Power source voltage
   At 6 MHz XIN oscillation frequency at ceramic resonator
   ................................................................................... 4.1 to 5.5 V
• Power dissipation ............................................ 30 mW (standard)
• Operating temperature range ................................... –20 to 85 °C

APPLICATION
   Input device for personal computer peripherals




Similar Part No. - M37532RSS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37532T-PTC RENESAS-M37532T-PTC Datasheet
232Kb / 1P
Converter for Connecting 42-pin 1.778mm-pitch SDIP to a 40-pin Narrow-pitch Connector (for 7532 and 7534 Groups)
More results


Similar Description - M37532RSS

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3825 RENESAS-3825 Datasheet
1Mb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37161M8 RENESAS-M37161M8 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com