Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M37532RSS Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M37532RSS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37532RSS Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M37532RSS Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M37532RSS Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M37532RSS Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M37532RSS Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37532RSS Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37532RSS Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37532RSS Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37532RSS Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37532RSS Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
7532 Group
MITSUBISHI MICROCOMPUTERS
2
PIN CONFIGURATION (TOP VIEW)
Fig. 2 Pin configuration of M37532M4-XXXGP
Outline 32P6B-A
P07
P10/RXD/D-
P11/TXD/D+
P12/SCLK
P13/SDATA
P14/CNTR0
P20/AN0
P21/AN1
32
31
30
29
28
27
26
25
P34(LED4)
P33(LED3)
P32(LED2)
P31(LED1)
P30(LED0)
VSS
XOUT
XIN
9
10
11
12
13
14
15
16
M37532M4-XXXGP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com