Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M37532RSS Datasheet(PDF) 21 Page - Mitsubishi Electric Semiconductor

Part # M37532RSS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37532RSS Datasheet(HTML) 21 Page - Mitsubishi Electric Semiconductor

Back Button M37532RSS Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M37532RSS Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M37532RSS Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M37532RSS Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M37532RSS Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M37532RSS Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M37532RSS Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M37532RSS Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M37532RSS Datasheet HTML 25Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
7532 Group
MITSUBISHI MICROCOMPUTERS
21
[Serial I/O1 control register] SIO1CON
The serial I/O1 control register consists of eight control bits for the
serial I/O1 function.
[UART control register] UARTCON
The UART control register consists of four control bits (bits 0 to 3)
which are valid when asynchronous serial I/O is selected and set the
data format of an data transfer. One bit in this register (bit 4) is al-
ways valid and sets the output structure of the P11/TxD pin.
[UART status register] UARTSTS
The read-only UART status register consists of seven flags (bits 0 to
6) which indicate the operating status of the UART function and vari-
ous errors. This register functions as the UART status register
(UARTSTS) when selecting the UART.
The receive buffer full flag (bit 1) is cleared to “0” when the receive
buffer is read.
If there is an error, it is detected at the same time that data is trans-
ferred from the receive shift register to the receive buffer, and the
receive buffer full flag is set. A write to the UART status register clears
all the error flags OE, PE, FE, and SE (bit 3 to bit 6, respectively).
Writing “0” to the serial I/O1 mode selection bits MOD1 and MOD0
(bit 7 and 6 of the Serial I/O1 control register ) also clears all the
status flags, including the error flags.
All bits of the serial I/O1 status register are initialized to “8116” at
reset, but if the transmit enable bit (bit 4) of the serial I/O1 control
register has been set to “1”, the continuous transmit valid bit (bit 2)
becomes “1”.
[Transmit/Receive buffer register] TB/RB
The transmit buffer and the receive buffer are located at the same
address. The transmit buffer is write-only and the receive buffer is
read-only. If a character bit length is 7-bit, the MSB of data stored in
the receive buffer is “0”.
Fig. 23 Continuous transmission operation of UART serial I/O
[Baud Rate Generator] BRG
The baud rate generator determines the baud rate for serial transfer.
The baud rate generator divides the frequency of the count source
by 1/(n + 1), where n is the value written to the baud rate generator.
TSC=0
TBE=1
TBE=0
ST
D0
D1
SP
D0
D1
ST
SP
ST
1 : When the serial I/O1 mode selection bits (b7, b6) is “10”, the transmit enable bit is “1”, and continuous transmit valid bit is “1”, writing on the
transmit buffer initiates continuous transmission of the same data.
2 : Select 0 for continuous transmit valid bit to stop continuous transmission.
The TXD pin will stop at high level after completing transmission of 1 byte.
3 : If the transmit buffer contents are rewritten during a continuous transmission, transmission of the rewritten data will be started after
completing transmission of 1 byte.
Notes
1 Start Bit
7 or 8 Data Bit
1 or 0 Parity Bit
1 or 2 Stop Bit
Transmit/Receive Clock
Transmit Buffer Register
Write Signal
Serial Output TXD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com