Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M37532RSS Datasheet(PDF) 28 Page - Mitsubishi Electric Semiconductor

Part # M37532RSS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37532RSS Datasheet(HTML) 28 Page - Mitsubishi Electric Semiconductor

Back Button M37532RSS Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M37532RSS Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M37532RSS Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M37532RSS Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M37532RSS Datasheet HTML 28Page - Mitsubishi Electric Semiconductor M37532RSS Datasheet HTML 29Page - Mitsubishi Electric Semiconductor M37532RSS Datasheet HTML 30Page - Mitsubishi Electric Semiconductor M37532RSS Datasheet HTML 31Page - Mitsubishi Electric Semiconductor M37532RSS Datasheet HTML 32Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
7532 Group
MITSUBISHI MICROCOMPUTERS
28
Note on using USB mode
Handling of SE0 signal in program (at receiving)
7532 group has the border line to detect as USB RESET or EOP
(End of Packet) on the width of SE0 (Single Ended 0).
A response apposite to a state of the device is expected.
The name of the following short words which is used in table 5 shows
as follow.
•TKNE: Token interrupt enable (bit 6 of address 2016)
•RSME: Resume interrupt enable (bit 5 of address 2016)
•RSTE: USB reset interrupt enable (bit 4 of address 2016)
•Spec: A response of the device requested by USB Specification 1.0
•SIE: Hardware operation in 7532 group
•F/W: Recommendation process in the program
•FEOPE: False EOP error flag (bit 2 of address 1916)
•RxPID: Token interrupt flag (bit 7 of address 1F16)
Spec
SIE
F/W
Reset or resume
Reset interrupt
request
Reset interrupt
processing
Resume interrupt
processing
Table 5 Relation of the width of SE0 and the state of the device
Width of SE0
0
µ sec.
0.5
µ sec.
0.5
µ sec.
2.5
µ sec.
2.5
µ sec.
2.67
µ sec.
2.67
µ sec.
Spec
SIE
F/W
Spec
SIE
F/W
Spec
SIE
F/W
Spec
SIE
F/W
Idle state
TKNE = X
RSME = 0
RSTE =1
Ignore
Keep counting suspend
timer
Not acknowledge
Keep alive
Initialize suspend timer
count value
Not acknowledge
Keep alive or Reset
may determine as keep
alive and Reset interrupt
Keep alive in case of no
interrupt request
Reset processing in case
of interrupt request
Reset
Reset interrupt request
Reset processing
End of Token in transaction
TKNE = 1
RSME = 0
RSTE =1
Ignore
Not detected as EOP(in
case of no detection EOP,
SIE returns idle state as
time out. FEOPE flag is
set.)
Not acknowledge
EOP
Token interrupt request
Token interrupt process-
ing execute
EOP or Reset
may determine as EOP
and Reset interrupt
RxPID = 1> Token
interrupt processing
RxPID = 0> Reset
interrupt processing
Reset
Reset interrupt request
Reset processing
End of data or handshake
in transaction
TKNE = 0
RSME = 0
RSTE = 0 or 1
Ignore
Not detected as EOP(in
case of no detection EOP,
SIE returns idle state as
timeup. FEOPE flag is
set.)
Wait for the next EOP flag
EOP
Set EOP flag
After checking the set of
EOP flag, go to the next
processing
EOP or Reset
may determine as EOP
and Reset interrupt
Continue the processing
in case of no interrupt
request
Reset processing in case
of interrupt request
Reset
Reset interrupt request
Reset processing
Suspend state
TKNE = 0
RSME = 1
RSTE = 0
State of device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com