Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS-1149-C1-R0 Datasheet (PDF) - Advanced Thermal Solutions, Inc.

ATS-1149-C1-R0 Datasheet PDF - Advanced Thermal Solutions, Inc.
Part # ATS-1149-C1-R0
Download  ATS-1149-C1-R0 Download
File Size   400.67 Kbytes
Page   1 Pages
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.
Description Heat Sink for Full Brick DC-DC Converter

ATS-1149-C1-R0 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATS-1149-C1-R0 Datasheet PDF - Advanced Thermal Solutions, Inc.

Part # ATS-1149-C1-R0
Download  ATS-1149-C1-R0 Click to download

File Size   400.67 Kbytes
Page   1 Pages
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.
Description Heat Sink for Full Brick DC-DC Converter

ATS-1149-C1-R0 Datasheet (HTML) - Advanced Thermal Solutions, Inc.


ATS-1149-C1-R0 Product details

High performance maxiFLOWTM design features less
pressure drop and more surface area that maximizes
the effective convection (air) cooling
» Hole pattern fits standard full power brick modules
» Pre-assembled with Chomerics T766 phase change
material
» Heat sink assembly packaged with 3 sets of screws
(M3 Philips Pan Head) at 5, 6 and 8 mm lengths




Similar Part No. - ATS-1149-C1-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-1149-C1-R0 ATS-ATS-1149-C1-R0_17 Datasheet
330Kb / 1P
Hole pattern fits standard full power brick modules
REV4_0117
More results


Similar Description - ATS-1149-C1-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-1181-C1-R0 ATS-ATS-1181-C1-R0 Datasheet
363Kb / 1P
Heat Sink for Eighth Brick DC-DC Converter
REV2_0114
ATS-1178-C1-R0 ATS-ATS-1178-C1-R0 Datasheet
356Kb / 1P
Heat Sink for Eighth Brick DC-DC Converter
REV2_0114
ATS-1151-C1-R0 ATS-ATS-1151-C1-R0 Datasheet
402Kb / 1P
Heat Sink for Full Brick DC-DC Converter
REV2_0114
ATS-1148-C1-R0 ATS-ATS-1148-C1-R0 Datasheet
399Kb / 1P
Heat Sink for Full Brick DC-DC Converter
REV2_0114
ATS-1144-C1-R0 ATS-ATS-1144-C1-R0 Datasheet
401Kb / 1P
Heat Sink for Half Brick DC-DC Converter
REV2_0114
ATS-1111-C1-R0 ATS-ATS-1111-C1-R0 Datasheet
403Kb / 1P
Heat Sink for Full Brick DC-DC Converter
REV2_0114
ATS-1109-C1-R0 ATS-ATS-1109-C1-R0 Datasheet
402Kb / 1P
Heat Sink for Full Brick DC-DC Converter
REV2_0114
ATS-1108-C1-R0 ATS-ATS-1108-C1-R0 Datasheet
398Kb / 1P
Heat Sink for Full Brick DC-DC Converter
REV2_0114
ATS-1099-C1-R0 ATS-ATS-1099-C1-R0 Datasheet
374Kb / 1P
Heat Sink for Quarter Brick DC-DC Converter
REV2_0114
ATS-1098-C1-R0 ATS-ATS-1098-C1-R0 Datasheet
373Kb / 1P
Heat Sink for Quarter Brick DC-DC Converter
REV2_0613
More results




About Advanced Thermal Solutions, Inc.


Advanced Thermal Solutions, Inc (ATS) is a leading provider of thermal management solutions for a variety of industries including electronics, telecommunications, and medical devices.

The company was founded in 2003 and is headquartered in Norwood, Massachusetts, USA.

ATS offers a wide range of products including thermal interface materials, heat sinks, fans, and other cooling solutions.

The company is known for its expertise in thermal management, innovation, and high-quality products.

ATS works closely with customers to provide customized thermal management solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com