Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS-1149-C1-R0 Datasheet(PDF) 1 Page - Advanced Thermal Solutions, Inc.

Part # ATS-1149-C1-R0
Description  Heat Sink for Full Brick DC-DC Converter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.

ATS-1149-C1-R0 Datasheet(HTML) 1 Page - Advanced Thermal Solutions, Inc.

  ATS-1149-C1-R0 Datasheet HTML 1Page - Advanced Thermal Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For further technical information, please contact Advanced Thermal Solutions, Inc.
89-27 ACCESS ROAD, NORWOOD, MA 02062 USA | T: 781.769. 2800 F: 781.769.9979 | WWW.QATS.COM
Product Details
ATS PART # ATS-1149-C1-R0
Features & Benefits
maxiFLOWTM Heat Sink for
Full Brick DC-DC Converter
REV2_0114
» High performance maxiFLOWTM design features less
pressure drop and more surface area that maximizes
the effective convection (air) cooling
» Hole pattern fits standard full power brick modules
» Pre-assembled with Chomerics T766 phase change
material
» Heat sink assembly packaged with 3 sets of screws
(M3 Philips Pan Head) at 5, 6 and 8 mm lengths
Thermal Performance
*Image is for illustration purposes only.
AIR VELOCITY
THERMAL RESISTANCE
FT/MIN
M/S
°C/W (UNDUCTED FLOW)
°C/W (DUCTED FLOW)
200
1.0
1.00
0.08
300
1.5
0.78
400
2.0
0.68
500
2.5
0.61
600
3.0
0.56
700
3.5
0.52
800
4.0
0.49
Assembly Part Number
Length (mm)
4 Screws per Set
ATS-1149-C2-R0
5
ATS-1149-C3-R0
6
ATS-1149-C4-R0
8
DIMENSION
A
DIMENSION
B
DIMENSION
C
DIMENSION
D
DIMENSION
E
DIMENSION
F
INTERFACE
MATERIAL
FINISH
61.00 mm
118.00 mm
11.40 mm
141.80 mm
106.68 mm
50.80 mm
CHOMERICS
T766
GOLD
ANODIZED
NOTES:
1)
Thermal performance data are provided for reference only. Actual performance may vary
by application.
2)
ATS reserves the right to update or change its products without notice to improve the
design or performance.
3)
Standard lead time is 4-6 weeks ARO.
4)
Contact ATS to learn about custom options available.
5)
Dimension D = heat sink height from bottom of the base to the top of the fin field.
6)
Dimension E = Hole Width
7)
Dimension F = Hole Length


Similar Part No. - ATS-1149-C1-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-1149-C1-R0 ATS-ATS-1149-C1-R0_17 Datasheet
330Kb / 1P
Hole pattern fits standard full power brick modules
REV4_0117
More results

Similar Description - ATS-1149-C1-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-1181-C1-R0 ATS-ATS-1181-C1-R0 Datasheet
363Kb / 1P
Heat Sink for Eighth Brick DC-DC Converter
REV2_0114
ATS-1178-C1-R0 ATS-ATS-1178-C1-R0 Datasheet
356Kb / 1P
Heat Sink for Eighth Brick DC-DC Converter
REV2_0114
ATS-1151-C1-R0 ATS-ATS-1151-C1-R0 Datasheet
402Kb / 1P
Heat Sink for Full Brick DC-DC Converter
REV2_0114
ATS-1148-C1-R0 ATS-ATS-1148-C1-R0 Datasheet
399Kb / 1P
Heat Sink for Full Brick DC-DC Converter
REV2_0114
ATS-1144-C1-R0 ATS-ATS-1144-C1-R0 Datasheet
401Kb / 1P
Heat Sink for Half Brick DC-DC Converter
REV2_0114
ATS-1111-C1-R0 ATS-ATS-1111-C1-R0 Datasheet
403Kb / 1P
Heat Sink for Full Brick DC-DC Converter
REV2_0114
ATS-1109-C1-R0 ATS-ATS-1109-C1-R0 Datasheet
402Kb / 1P
Heat Sink for Full Brick DC-DC Converter
REV2_0114
ATS-1108-C1-R0 ATS-ATS-1108-C1-R0 Datasheet
398Kb / 1P
Heat Sink for Full Brick DC-DC Converter
REV2_0114
ATS-1099-C1-R0 ATS-ATS-1099-C1-R0 Datasheet
374Kb / 1P
Heat Sink for Quarter Brick DC-DC Converter
REV2_0114
ATS-1098-C1-R0 ATS-ATS-1098-C1-R0 Datasheet
373Kb / 1P
Heat Sink for Quarter Brick DC-DC Converter
REV2_0613
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com